Electronic Components Datasheet Search
  English  ▼

X  

IAB110P Datasheet(PDF) 6 Page - IXYS Corporation

Part # IAB110P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IAB110P Datasheet(HTML) 6 Page - IXYS Corporation

  IAB110P Datasheet HTML 1Page - IXYS Corporation IAB110P Datasheet HTML 2Page - IXYS Corporation IAB110P Datasheet HTML 3Page - IXYS Corporation IAB110P Datasheet HTML 4Page - IXYS Corporation IAB110P Datasheet HTML 5Page - IXYS Corporation IAB110P Datasheet HTML 6Page - IXYS Corporation IAB110P Datasheet HTML 7Page - IXYS Corporation IAB110P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
6
R04
IAB110P
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Typical Normalized CTR
vs. Forward Current
(V
CE=0.5V)
Forward Currrent (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
Typical Normalized CTR
vs. Temperature
(V
CE=0.5V)
Temperature (ºC)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=15mA
I
F=20mA
Typical Collector Current
vs. Forward Current
(V
CE=0.5V)
Forward Current (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0
1-FORM-B RELAY PERFORMANCE DATA (cont.)*
DETECTOR PERFORMANCE DATA*
1-Form-B
Typical On-Resistance vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
1-Form-B
Load Current vs. Load Voltage
(I
F=5mA, TA=25ºC)
Load Voltage (V)
100
80
60
40
20
0
-20
-40
-60
-80
-100
-5
-4
-2
-1
-3
0
2
3
14
5
1-Form-B
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
410
405
400
395
390
385
380
-20
0
20
40
60
80
100
1-Form-B
Maximum Load Current vs. Temperature
(I
F=5mA)
Temperature (ºC)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com