Electronic Components Datasheet Search
  English  ▼

X  

IBB110PTR Datasheet(PDF) 4 Page - IXYS Corporation

Part # IBB110PTR
Description  Integrated Telecom Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IBB110PTR Datasheet(HTML) 4 Page - IXYS Corporation

  IBB110PTR Datasheet HTML 1Page - IXYS Corporation IBB110PTR Datasheet HTML 2Page - IXYS Corporation IBB110PTR Datasheet HTML 3Page - IXYS Corporation IBB110PTR Datasheet HTML 4Page - IXYS Corporation IBB110PTR Datasheet HTML 5Page - IXYS Corporation IBB110PTR Datasheet HTML 6Page - IXYS Corporation IBB110PTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
IBB110P
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
RELAY PERFORMANCE DATA (cont.)*
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Turn-Off Time
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F=5mA
I
F=10mA
I
F=20mA
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical On-Resistance
vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Typical Load Current
vs. Load Voltage
(I
F=5mA, TA=25ºC)
Load Voltage (V)
100
80
60
40
20
0
-20
-40
-60
-80
-100
-5
-4
-2
-1
-3
0
2
3
14
5
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
410
405
400
395
390
385
380
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 14&16 or 11&13)
Temperature (ºC)
-40
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
10 s
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100 s
100ms
1s
10ms
10s
100s
Maximum Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com