Electronic Components Datasheet Search
  English  ▼

X  

2184 Datasheet(PDF) 28 Page - Analog Devices

Part # 2184
Description  DSP Microcomputer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

2184 Datasheet(HTML) 28 Page - Analog Devices

Back Button 2184 Datasheet HTML 23Page - Analog Devices 2184 Datasheet HTML 24Page - Analog Devices 2184 Datasheet HTML 25Page - Analog Devices 2184 Datasheet HTML 26Page - Analog Devices 2184 Datasheet HTML 27Page - Analog Devices 2184 Datasheet HTML 28Page - Analog Devices 2184 Datasheet HTML 29Page - Analog Devices 2184 Datasheet HTML 30Page - Analog Devices 2184 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
ADSP-2184
–28–
REV. 0
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating:
TAMB
=TCASE – (PD
θ
CA)
TCASE =
Case Temperature in
°C
PD
=
Power Dissipation in W
θ
CA
=
Thermal Resistance (Case-to-Ambient)
θ
JA
=
Thermal Resistance (Junction-to-Ambient)
θ
JC
=
Thermal Resistance (Junction-to-Case)
Package
JA
JC
CA
LQFP
50
°C/W
2
°C/W
48
°C/W
0
TEMPERATURE – C
10
1
100
1k
10k
20
60
80
100
120
40
5.6V
5.0V
Figure 27. Power-Down Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com