Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2186 Datasheet(PDF) 27 Page - Analog Devices

Part # ADSP-2186
Description  DSP Microcomputer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADSP-2186 Datasheet HTML 23Page - Analog Devices ADSP-2186 Datasheet HTML 24Page - Analog Devices ADSP-2186 Datasheet HTML 25Page - Analog Devices ADSP-2186 Datasheet HTML 26Page - Analog Devices ADSP-2186 Datasheet HTML 27Page - Analog Devices ADSP-2186 Datasheet HTML 28Page - Analog Devices ADSP-2186 Datasheet HTML 29Page - Analog Devices ADSP-2186 Datasheet HTML 30Page - Analog Devices ADSP-2186 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADSP-2186
–27–
REV. A
OUTPUT DRIVE CURRENTS
Figure 22 shows typical I-V characteristics for the output drivers
of the ADSP-2186. The curves represent the current drive
capability of the output drivers as a function of output voltage.
SOURCE VOLTAGE – Volts
60
40
–60
06
1
2345
20
0
–20
–40
–80
5.5V, –40 C
VOH
5.0V, +25 C
4.5V, +85 C
4.5V, +85 C
5.0V, +25 C
5.5V, –40 C
VOL
Figure 22. Typical Drive Currents
POWER DISSIPATION
To determine total power dissipation in a specific application,
the following equation should be applied for each output:
C
× V
DD
2
× f
C = load capacitance, f = output switching frequency.
Example
In an application where external data memory is used and no
other outputs are active, power dissipation is calculated as follows:
Assumptions
• External data memory is accessed every cycle with 50% of the
address pins switching.
• External data memory writes occur every other cycle with
50% of the data pins switching.
• Each address and data pin has a 10 pF total load at the pin.
• The application operates at VDD = 5.0 V and tCK = 30 ns.
Total Power Dissipation = PINT + (C × VDD
2
× f)
PINT = internal power dissipation from Power vs. Frequency
graph (Figure 23).
(C
× V
DD
2
× f) is calculated for each output:
# of
Pins
C
VDD
2
f
Address, DMS
8
× 10 pF × 52 V
× 40 MHz = 80 mW
Data Output, WR 9
× 10 pF × 52 V
× 20 MHz = 45 mW
RD
1
× 10 pF × 52 V
× 20 MHz = 5 mW
CLKOUT
1
× 10 pF × 52 V
× 40 MHz = 10 mW
140 mW
Total power dissipation for this example is PINT + 140 mW.
80
20
0
60
40
1/tcyc – MHz
33.33
40
IDLE (16)
IDLE (128)
IDLE
POWER, IDLE
n MODES2
0
80
40
20
60
1/tcyc – MHz
33.33
40
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
POWER, IDLE1,2,4
100
1/tcyc – MHz
40
33.33
100
300
200
500
400
0
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
2186 POWER, INTERNAL1,2,3
385mW
300mW
225mW
330mW
250mW
180mW
91.5mW
70.5mW
52mW
82mW
62mW
45mW
70.5mW
36.6mW
34.3mW
62mW
34.7mW
32.8mW
POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS.
TYPICAL POWER DISSIPATION AT 5.0V VDD AND TA = +25 C EXCEPT WHERE SPECIFIED.
IDD MEASUREMENT TAKEN WITH ALL INSTRUCTIONS EXECUTING FROM INTERNAL
MEMORY. 50% OF THE INSTRUCTIONS ARE MULTIFUNCTION (TYPES 1, 4, 5, 12, 13, 14),
30% ARE TYPE 2 AND TYPE 6, AND 20% ARE IDLE INSTRUCTIONS.
IDLE REFERS TO ADSP-2186 STATE OF OPERATION DURING EXECUTION OF IDLE
INSTRUCTION. DEASSERTED PINS ARE DRIVEN TO EITHER VDD OR GND.
1
4
2
3
VALID FOR ALL TEMPERATURE GRADES.
Figure 23. Power vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com