Electronic Components Datasheet Search
  English  ▼

X  

LAA108P Datasheet(PDF) 4 Page - IXYS Corporation

Part # LAA108P
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA108P Datasheet(HTML) 4 Page - IXYS Corporation

  LAA108P Datasheet HTML 1Page - IXYS Corporation LAA108P Datasheet HTML 2Page - IXYS Corporation LAA108P Datasheet HTML 3Page - IXYS Corporation LAA108P Datasheet HTML 4Page - IXYS Corporation LAA108P Datasheet HTML 5Page - IXYS Corporation LAA108P Datasheet HTML 6Page - IXYS Corporation LAA108P Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
LAA108
PERFORMANCE DATA@ 25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4.0
4.5
5.0
5.5
6.0
6.5
On-Resistance vs. Temperature
(I
F=2mA, IL=200mA)
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Typical Load Current vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
150
200
250
300
350
400
450
500
Maximum Load Current
vs. Temperature
(I
F=5mA)
Single Pole Operating
Total Current - Both Poles Operating *
* Neither pole to exceed
single pole limits
Temperature (ºC)
-40
-20
0
20
40
60
80
100
134
136
138
140
142
144
146
148
150
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
Leakage Current vs. Temperature
Measured Across Pins 5 & 6, 7 & 8
(V
L=100V)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
Energy Rating Curve
(Single Pole, I
F=5mA)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com