Electronic Components Datasheet Search
  English  ▼

X  

LAA110S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA110S
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA110S Datasheet(HTML) 1 Page - IXYS Corporation

  LAA110S Datasheet HTML 1Page - IXYS Corporation LAA110S Datasheet HTML 2Page - IXYS Corporation LAA110S Datasheet HTML 3Page - IXYS Corporation LAA110S Datasheet HTML 4Page - IXYS Corporation LAA110S Datasheet HTML 5Page - IXYS Corporation LAA110S Datasheet HTML 6Page - IXYS Corporation LAA110S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA110-R11
1
LAA110
Dual Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
LAA110
8-Pin DIP (50/Tube)
LAA110S
8-Pin Surface Mount (50/Tube)
LAA110STR
8-Pin Surface Mount (1,000/Reel)
LAA110P
8-Pin Flat Pack (50/Tube)
LAA110PTR
8-Pin Flat Pack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
35
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Packages Available
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
LAA110 is a dual 1-Form-A Solid State Relay that
has two independently controlled, optically coupled
MOSFET switches. The output MOSFET switches and
photovoltaic die employ optically coupled MOSFET
technology to provide 3750 V
rms of input-to-output
isolation.
The relay outputs, that use patented OptoMOS
architecture, are controlled by a highly efficient
GaAlAS infrared LED.
This dual pole OptoMOS relay provides a more
compact design solution than discrete single-pole
relays in a variety of applications, and saves board
space by incorporating both switches in a single 8-Pin
package.
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• UL Certified Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006


Similar Part No. - LAA110S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA110S CLARE-LAA110S Datasheet
137Kb / 6P
Dual Pole OptoMOS Relays
LAA110STR CLARE-LAA110STR Datasheet
137Kb / 6P
Dual Pole OptoMOS Relays
More results

Similar Description - LAA110S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com