Electronic Components Datasheet Search
  English  ▼

X  

LAA120L Datasheet(PDF) 4 Page - IXYS Corporation

Part # LAA120L
Description  Dual Current-Limited, Single Pole OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA120L Datasheet(HTML) 4 Page - IXYS Corporation

  LAA120L Datasheet HTML 1Page - IXYS Corporation LAA120L Datasheet HTML 2Page - IXYS Corporation LAA120L Datasheet HTML 3Page - IXYS Corporation LAA120L Datasheet HTML 4Page - IXYS Corporation LAA120L Datasheet HTML 5Page - IXYS Corporation LAA120L Datasheet HTML 6Page - IXYS Corporation LAA120L Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R05
LAA120L
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-150
-100
-50
0
50
100
150
Typical Load Current vs. Load Voltage
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
70
80
90
100
110
120
130
140
150
160
Maximum Load Current vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
390
400
410
420
430
440
450
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.000
0.005
0.010
0.015
0.020
0.025
Typical Leakage vs. Temperature
Measured Across Pins 5&6, 7&8
(V
L=250V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
150
200
250
300
350
Typical Current Limiting
vs. Temperature
(I
F=5mA, VL=8V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4
6
8
10
12
14
16
Typical On-Resistance
vs. Temperature
(I
L=150mA, IF=5mA)
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com