Electronic Components Datasheet Search
  English  ▼

X  

LAA120PL Datasheet(PDF) 3 Page - IXYS Corporation

Part # LAA120PL
Description  Dual Current-Limited, Single Pole OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA120PL Datasheet(HTML) 3 Page - IXYS Corporation

  LAA120PL Datasheet HTML 1Page - IXYS Corporation LAA120PL Datasheet HTML 2Page - IXYS Corporation LAA120PL Datasheet HTML 3Page - IXYS Corporation LAA120PL Datasheet HTML 4Page - IXYS Corporation LAA120PL Datasheet HTML 5Page - IXYS Corporation LAA120PL Datasheet HTML 6Page - IXYS Corporation LAA120PL Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LAA120L
www.ixysic.com
3
R05
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Forward Voltage Drop (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn On Time (ms)
0.75
0.80
0.85
0.90
0.95
1.00
1.05
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mA)
Turn Off Time (ms)
0.310 0.318 0.326 0.334 0.342 0.350 0.358
0
5
10
15
20
25
Turn-Off Time
(N=50, I
F=5mA, IL=120mA)
LED Current (mA)
0.17
0.18
0.19
0.20
0.21
0.22
0
5
10
15
20
25
30
35
40
45
Typical I
F for Switch Operation
(N=50, I
L=120mA)
On Resistance ( )
9.4
9.5
9.6
9.7
9.8
9.9
10.0
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=120mA)
Blocking Voltage (V
P)
396
400
404
408
412
416
420
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Current (mA)
0
1020
304050
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Typical Turn-On Time
vs. LED Forward Current
LED Forward Current (mA)
0
1020
304050
0.33
0.34
0.35
0.36
0.37
0.38
0.39
Typical Turn-Off Time
vs. LED Forward Current
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.12
0.14
0.16
0.18
0.20
0.22
0.24
Typical I
F for Switch Operation
(I
L=80mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Typical Turn-On Time vs. Temperature
(I
F=5mA, IL=80mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Typical Turn-Off Time vs. Temperature
(I
L=80mA, IF=5mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com