Electronic Components Datasheet Search
  English  ▼

X  

LAA125 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA125
Description  Dual Single-Pole, Normally Open OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA125 Datasheet(HTML) 1 Page - IXYS Corporation

  LAA125 Datasheet HTML 1Page - IXYS Corporation LAA125 Datasheet HTML 2Page - IXYS Corporation LAA125 Datasheet HTML 3Page - IXYS Corporation LAA125 Datasheet HTML 4Page - IXYS Corporation LAA125 Datasheet HTML 5Page - IXYS Corporation LAA125 Datasheet HTML 6Page - IXYS Corporation LAA125 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA125-R06
1
LAA125
Dual Single-Pole, Normally Open
OptoMOS® Relays
e3
Pb
Part #
Description
LAA125
8 Pin DIP (50/Tube)
LAA125S
8 Pin Surface Mount (50/Tube)
LAA125STR
8 Pin Surface Mount (1,000/Reel)
LAA125P
8 Pin Flat Pack (50/Tube)
LAA125PTR
8 Pin Flat Pack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
170
mA
rms / mADC
On-Resistance (max)
16
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin Packages
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
LAA125 is a 350V, 170mA, 16
 dual normally open
(1-Form-A) relay. It combines enhanced peak load
current capability with low on-resistance. Its MOSFET
switches and photovoltaic die provide 3750V
rms of
input to output isolation.
The optically coupled outputs, that use patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This dual switch OptoMOS relay provides a more
compact design solution than discrete single-pole
relays in a variety of applications, and saves board
space by incorporating two switches in a single 8-pin
package.
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
1
2
3
4
8
7
6
5
+ Control - Switch #1
- Control - Switch #1
+ Control - Switch #2
- Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - LAA125

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
DUAL POLE OptoMOS Relays
logo
Littelfuse
LAA125 LITTELFUSE-LAA125 Datasheet
224Kb / 7P
Normally Open Relays
11/18/2025
logo
Clare, Inc.
LAA125L CLARE-LAA125L Datasheet
1Mb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
logo
Clare, Inc.
LAA125LS CLARE-LAA125LS Datasheet
1Mb / 6P
Single Pole OptoMOS Relays
More results

Similar Description - LAA125

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126L IXYS-LAA126L_12 Datasheet
105Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com