Electronic Components Datasheet Search
  English  ▼

X  

LAA125LSTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # LAA125LSTR
Description  Dual Single Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA125LSTR Datasheet(HTML) 3 Page - IXYS Corporation

  LAA125LSTR Datasheet HTML 1Page - IXYS Corporation LAA125LSTR Datasheet HTML 2Page - IXYS Corporation LAA125LSTR Datasheet HTML 3Page - IXYS Corporation LAA125LSTR Datasheet HTML 4Page - IXYS Corporation LAA125LSTR Datasheet HTML 5Page - IXYS Corporation LAA125LSTR Datasheet HTML 6Page - IXYS Corporation LAA125LSTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LAA125L
www.ixysic.com
3
R11
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
SWITCH PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=150mA)
Turn-Off Time (ms)
0.310 0.318 0.326 0.334 0.342 0.350 0.358
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, I
F=5mA, IL=150mA)
LED Current (mA)
0.17
0.18
0.19
0.20
0.21
0.22
0
5
10
15
20
25
30
35
40
45
Typical I
F for Switch Operation
(N=50, I
L=150mA)
On-Resistance ( )
9.4
9.5
9.6
9.7
9.8
9.9
10.0
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=150mA)
Blocking Voltage (V
P)
396
400
404
408
412
416
420
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Forward Current
010
20
30
40
50
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Typical Turn-On Time
vs. LED Forward Current
LED Forward Current (mA)
0
1020
304050
0.33
0.34
0.35
0.36
0.37
0.38
0.39
Typical Turn-Off Time
vs. LED Forward Current
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.12
0.14
0.16
0.18
0.20
0.22
0.24
Typical I
F for Switch Operation
vs. Temperature
(I
L=80mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Typical Turn-On Time vs. Temperature
(I
F=5mA, IL=80mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Typical Turn-Off Time vs. Temperature
(I
F=5mA, IL=80mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com