Electronic Components Datasheet Search
  English  ▼

X  

LCA127 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA127
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA127 Datasheet(HTML) 1 Page - IXYS Corporation

  LCA127 Datasheet HTML 1Page - IXYS Corporation LCA127 Datasheet HTML 2Page - IXYS Corporation LCA127 Datasheet HTML 3Page - IXYS Corporation LCA127 Datasheet HTML 4Page - IXYS Corporation LCA127 Datasheet HTML 5Page - IXYS Corporation LCA127 Datasheet HTML 6Page - IXYS Corporation LCA127 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA127-R11
1
LCA127
Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
LCA127
6-Pin DIP (50/Tube)
LCA127S
6-Pin Surface Mount (50/Tube)
LCA127STR
6-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
200
mA
rms / mADC
On-Resistance (max)
10
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Switching Characteristics of
Normally Open Devices
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
LCA127 is a 250V, 200mA, 10
, normally open
(1-Form-A) solid state relay featuring low on-resistance.
It uses optically coupled MOSFET technology to
provide 3750V
rms of input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The LCA127 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no moving
parts, it offers faster, bounce-free switching in a more
compact surface mount or thru-hole package.


Similar Part No. - LCA127

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA127 CLARE-LCA127 Datasheet
100Kb / 6P
SINGLE POLE OptoMOS Relay
LCA127L CLARE-LCA127L Datasheet
100Kb / 6P
SINGLE POLE OptoMOS Relay
logo
IXYS Corporation
LCA127L IXYS-LCA127L Datasheet
122Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
LCA127LS CLARE-LCA127LS Datasheet
100Kb / 6P
SINGLE POLE OptoMOS Relay
logo
IXYS Corporation
LCA127LS IXYS-LCA127LS Datasheet
122Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
More results

Similar Description - LCA127

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA134 IXYS-PLA134 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com