Electronic Components Datasheet Search
  English  ▼

X  

LCA210L Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA210L
Description  Common Input, Dual-Pole OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA210L Datasheet(HTML) 1 Page - IXYS Corporation

  LCA210L Datasheet HTML 1Page - IXYS Corporation LCA210L Datasheet HTML 2Page - IXYS Corporation LCA210L Datasheet HTML 3Page - IXYS Corporation LCA210L Datasheet HTML 4Page - IXYS Corporation LCA210L Datasheet HTML 5Page - IXYS Corporation LCA210L Datasheet HTML 6Page - IXYS Corporation LCA210L Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA210L-R04
1
LCA210L
Common Input, Dual-Pole
OptoMOS® Relay
e3
Pb
Part #
Description
LCA210L
8-Pin DIP (50/Tube)
LCA210LS
8-Pin Surface Mount (50/Tube)
LCA210LSTR
8-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
35
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Current Limiting
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Switching Characteristics of
Normally Open Devices
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
NC
+ Control
- Control
NC
8
7
6
5
Output 1
Output 2
Output 1
Output 2
The LCA210L is a current-limiting, common input, dual
normally open (2-Form-A) solid state relay that has
two independent MOSFET switch outputs controlled
by a common input signal. It employs optically coupled
MOSFET technology to provide 3750V
rms of input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Common input OptoMOS relays can replace standard
dual-pole relays in a variety of applications. The
common-input relay eliminates the need to make
an external circuit connection when both poles are
controlled by a common signal.


Similar Part No. - LCA210L

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
LCA210LS CLARE-LCA210LS Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
LCA210LSTR CLARE-LCA210LSTR Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
More results

Similar Description - LCA210L

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
COMMON INPUT OptoMOS Relay
LCC110 CLARE-LCC110 Datasheet
126Kb / 8P
Common Input OptoMOS Relay
LCC120 CLARE-LCC120 Datasheet
105Kb / 7P
COMMON INPUT OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LCA220 IXYS-LCA220 Datasheet
123Kb / 7P
Common Input, Dual Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com