Electronic Components Datasheet Search
  English  ▼

X  

LCA220S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA220S
Description  Common Input, Dual Single-Pole OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA220S Datasheet(HTML) 1 Page - IXYS Corporation

  LCA220S Datasheet HTML 1Page - IXYS Corporation LCA220S Datasheet HTML 2Page - IXYS Corporation LCA220S Datasheet HTML 3Page - IXYS Corporation LCA220S Datasheet HTML 4Page - IXYS Corporation LCA220S Datasheet HTML 5Page - IXYS Corporation LCA220S Datasheet HTML 6Page - IXYS Corporation LCA220S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA220-R07
1
LCA220
Common Input, Dual Single-Pole
OptoMOS® Relay
e3
Pb
Part #
Description
LCA220
8-Pin DIP (50/Tube)
LCA220S
8-Pin Surface Mount (50/Tube)
LCA220STR
8-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
20
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Switching Characteristics of
Normally Open Devices
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate: B 09 07 49410 004
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control
- Control
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
NC
NC
LCA220 is a common-input, 250V, 120mA, 20
, dual
normally open (2-Form-A) solid state relay that has
two independent, optically coupled MOSFET switches
controlled by a common input signal. It is provided
in an 8-pin package, and employs optically coupled
MOSFET technology to provide 3750V
rms of input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Common input OptoMOS relays can replace standard
dual-pole relays in a variety of applications. The
common input relay eliminates the need to make
an external circuit connection when both poles are
controlled by the same signal.


Similar Part No. - LCA220S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA220S CLARE-LCA220S Datasheet
197Kb / 6P
Commom Input OptoMOS Relays
LCA220STR CLARE-LCA220STR Datasheet
197Kb / 6P
Commom Input OptoMOS Relays
More results

Similar Description - LCA220S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
COMMON INPUT OptoMOS Relay
LCC110 CLARE-LCC110 Datasheet
126Kb / 8P
Common Input OptoMOS Relay
LCC120 CLARE-LCC120 Datasheet
105Kb / 7P
COMMON INPUT OptoMOS Relay
logo
IXYS Corporation
LBA110L IXYS-LBA110L_12 Datasheet
149Kb / 9P
Dual Single-Pole, Combination OptoMOS Relay
LBA120 IXYS-LBA120_12 Datasheet
151Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA120L IXYS-LBA120L_12 Datasheet
140Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA126 IXYS-LBA126_12 Datasheet
152Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA126L IXYS-LBA126L_12 Datasheet
107Kb / 5P
Dual Single-Pole OptoMOS Relay
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
Common Input, Dual-Pole OptoMOS Relay
PBA150 IXYS-PBA150 Datasheet
107Kb / 5P
Dual Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com