Electronic Components Datasheet Search
  English  ▼

X  

LCA712 Datasheet(PDF) 4 Page - IXYS Corporation

Part # LCA712
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA712 Datasheet(HTML) 4 Page - IXYS Corporation

  LCA712 Datasheet HTML 1Page - IXYS Corporation LCA712 Datasheet HTML 2Page - IXYS Corporation LCA712 Datasheet HTML 3Page - IXYS Corporation LCA712 Datasheet HTML 4Page - IXYS Corporation LCA712 Datasheet HTML 5Page - IXYS Corporation LCA712 Datasheet HTML 6Page - IXYS Corporation LCA712 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
LCA712
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical Turn-On Time
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
I = 20mA
F
I = 10mA
F
Typical Turn-Off Time
vs. Temperature
(I
F=10mA, IL=1ADC)
Temperature (ºC)
-40
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
Typical On-Resistance vs. Temperature
(I
F=10mA, IL=1ADC)
Temperature (ºC)
-40
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical Load Current vs. Load Voltage
(I
F=10mA)
Load Voltage (V)
1000
800
600
400
200
0
-200
-400
-600
-800
-1000
-0.3
-0.2
-0.1
0.1
0.2
0
0.3
Maximum Load Current
vs. Temperature
Temperature (ºC)
1800
1600
1400
1200
1000
800
600
400
-40
-20
0
20
40
60
80
120
100
I
F=20mA
I
F=10mA
I
F=5mA
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
81
80
79
78
77
76
75
74
73
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured across Pins 4&6
(V
L=60V)
Temperature (ºC)
-40
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
8
7
6
5
4
3
2
1
0
10 s
1ms
100ms
10s
100 s
10ms
1s
100s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com