Electronic Components Datasheet Search
  English  ▼

X  

LCB111 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCB111
Description  Single Pole, Normally Closed OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB111 Datasheet(HTML) 1 Page - IXYS Corporation

  LCB111 Datasheet HTML 1Page - IXYS Corporation LCB111 Datasheet HTML 2Page - IXYS Corporation LCB111 Datasheet HTML 3Page - IXYS Corporation LCB111 Datasheet HTML 4Page - IXYS Corporation LCB111 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCB111-R09
1
LCB111
Single Pole, Normally Closed
OptoMOS® Relay
e3
Pb
Part #
Description
LCB111
6-Pin DIP (50/Tube)
LCB111S
6-Pin Surface Mount (50/Tube)
LCB111STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
350
V
P
Load Current
120
mA
rms / mADC
Input Control Current
2
mA
On-Resistance (max)
35
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of Normally
Closed Devices
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
• Low Input Control Current: 2mA
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
• Tape & Reel, Surface Mount Version Available
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
LCB111 is a 350V, 120mA, 35
, normally closed
(1-Form-B) solid state relay featuring high sensitivity.
It uses optically coupled relay technology to provide
a 3750V
rms isolation barrier between the input and
the output of the relay.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The LCB111 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no moving
parts, it can offer faster, bounce-free switching in a
more compact surface mount or thru-hole package.


Similar Part No. - LCB111

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
LCB111S CLARE-LCB111S Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
LCB111STR CLARE-LCB111STR Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
More results

Similar Description - LCB111

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710 IXYS-LCB710 Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
Single-Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
Single-Pole Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
Single Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com