Electronic Components Datasheet Search
  English  ▼

X  

LCB120 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCB120
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB120 Datasheet(HTML) 3 Page - IXYS Corporation

  LCB120 Datasheet HTML 1Page - IXYS Corporation LCB120 Datasheet HTML 2Page - IXYS Corporation LCB120 Datasheet HTML 3Page - IXYS Corporation LCB120 Datasheet HTML 4Page - IXYS Corporation LCB120 Datasheet HTML 5Page - IXYS Corporation LCB120 Datasheet HTML 6Page - IXYS Corporation LCB120 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LCB120
www.ixysic.com
3
R09
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
0.42
0.66
0.90
0.54
0.78
Turn-On Time (ms)
35
30
25
20
15
10
5
0
0.30
Typical Turn-On Time
(N=50, I
F=5mA, IL=170mADC)
0.875
1.375
1.875
0.625
1.125
1.625
Turn-Off Time (ms)
35
30
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=170mADC)
0.63
0.81
1.17
1.53
0.99
1.35
LED Current (mA)
30
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=170mADC)
35
25
20
15
10
5
0
0.63
0.99
1.35
0.45
0.81
1.17
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, I
L=170mADC)
35
30
25
20
15
10
5
0
10.4
10.8
11.2
12.0
11.6
12.4
On-Resistance ( )
Typical On-Resistance Distribution
(N=50, I
L=170mADC)
35
30
25
20
15
10
5
0
291.25 293.75 296.25 298.75 301.25 303.75
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50, I
F=5mA)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F =50mA
I
F =30mA
I
F =20mA
I
F =10mA
I
F =5mA
Temperature (ºC)
LED Forward Current (mA)
0
5
1015202530354045
0.634
0.632
0.630
0.628
0.626
0.624
0.622
50
Typical Turn-On Time
vs. LED Forward Current
(I
L=170mADC)
LED Forward Current (mA)
0
5
1015202530354045
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=170mADC)
PERFORMANCE DATA* (@25ºC Unless Otherwise Noted)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com