Electronic Components Datasheet Search
  English  ▼

X  

LCB127 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCB127
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB127 Datasheet(HTML) 1 Page - IXYS Corporation

  LCB127 Datasheet HTML 1Page - IXYS Corporation LCB127 Datasheet HTML 2Page - IXYS Corporation LCB127 Datasheet HTML 3Page - IXYS Corporation LCB127 Datasheet HTML 4Page - IXYS Corporation LCB127 Datasheet HTML 5Page - IXYS Corporation LCB127 Datasheet HTML 6Page - IXYS Corporation LCB127 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCB127-R05
1
LCB127
Single-Pole, Normally Closed
OptoMOS® Relay
e3
Pb
Part #
Description
LCB127
6-Pin DIP (50/Tube)
LCB127S
6-Pin Surface Mount (50/Tube)
LCB127STR
6-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
200
mA
rms / mADC
On-Resistance (max)
10
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics
of Normally Closed Devices
3750V
rms Input/Output Isolation
Low Drive Power Requirements
TTL/CMOS Compatible
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 6-Pin Package
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Versions Available
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 006
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
The LCB127 is a 250V, 200mA, 10
, single-pole,
normally closed (1-Form-B) Solid State Relay that
features enhanced peak load current capability. It
employs optically coupled MOSFET technology to
provide 3750V
rms of input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This OptoMOS relay provides a more compact design
solution than discrete single-pole relays in a variety of
applications, and saves board space over conventional
electromechanical relays.


Similar Part No. - LCB127

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCB127 CLARE-LCB127 Datasheet
85Kb / 6P
Single Pole OptoMOS Relay
LCB127S CLARE-LCB127S Datasheet
85Kb / 6P
Single Pole OptoMOS Relay
LCB127STR CLARE-LCB127STR Datasheet
85Kb / 6P
Single Pole OptoMOS Relay
More results

Similar Description - LCB127

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB111 IXYS-LCB111 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710 IXYS-LCB710 Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
Single-Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
Single-Pole Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
Single Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com