Electronic Components Datasheet Search
  English  ▼

X  

LDA203 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LDA203
Description  Dual Optocouplers, Unidirectional Input Single-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA203 Datasheet(HTML) 3 Page - IXYS Corporation

  LDA203 Datasheet HTML 1Page - IXYS Corporation LDA203 Datasheet HTML 2Page - IXYS Corporation LDA203 Datasheet HTML 3Page - IXYS Corporation LDA203 Datasheet HTML 4Page - IXYS Corporation LDA203 Datasheet HTML 5Page - IXYS Corporation LDA203 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
LDA203
www.ixysic.com
3
R05
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
LED Forward Voltage (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
10
20
30
40
50
LED Voltage vs. Current (Linear)
LED Forward Voltage (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
LED Voltage vs. Current (Log)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
I
F=1mA
LED Forward Current (mA)
0
102030
405060
100
200
300
400
500
600
700
Typical CTR vs. LED Forward Current
(V
CE=5V)
-40ºC
85ºC
55ºC
25ºC
Collector Voltage (V)
0123
456
0
20
40
60
80
100
Typical Collector Current vs.
Collector Voltage
I
F=50mA
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=20mA
Temperature (ºC)
I
CE Current vs. Temperature
(V
CE=5V)
-40
-20
0
20
40
60
80
100
120
0
20
40
60
80
100
I
F=20mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=15mA
I
F=1mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Saturation Voltage vs. Temperature
(I
F=2mA, IC=1mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
87
88
89
90
91
92
93
94
95
96
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
Collector Leakage Current
vs. Temperature
V
CE=10V
V
CE=3V
V
CE=5V
Load Resistance ( )
100
1K
10K
100K
1M
0
2
4
6
8
10
12
14
Turn-On Time vs. Load Resistance
(V
CC=5V)
I
F=1mA
I
F=5mA
I
F=2mA
Load Resistance (k )
0
100
200
300
400
500
600
0
2
4
6
8
10
Turn-Off Time vs. Load Resistance
(V
CC=5V)
I
F=1mA
I
F=5mA
I
F=2mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com