Electronic Components Datasheet Search
  English  ▼

X  

ADV101 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV101
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV101 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV101 Datasheet HTML 4Page - Analog Devices ADV101 Datasheet HTML 5Page - Analog Devices ADV101 Datasheet HTML 6Page - Analog Devices ADV101 Datasheet HTML 7Page - Analog Devices ADV101 Datasheet HTML 8Page - Analog Devices ADV101 Datasheet HTML 9Page - Analog Devices ADV101 Datasheet HTML 10Page - Analog Devices ADV101 Datasheet HTML 11Page - Analog Devices ADV101 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADV101
–9–
REV. B
The unused analog outputs should be terminated with the same
load as that for the used channel. In other words, if the red
channel is used and IOR is terminated with a doubly termi-
nated 75
Ω load (37.5 Ω), IOB and IOG should be terminated
with 37.5
Ω resistors. (See Figure 6.)
GND
ADV101
R0
R7
G0
G7
B0
B7
VIDEO
INPUT
DOUBLY
TERMINATED
75
Ω LOAD
IOR
IOG
IOB
37.5
Ω
37.5
Ω
Figure 6. Input and Output Connections for Stand-Alone
Gray Scale or Composite Video
Video Output Buffers
The ADV101 is specified to drive transmission line loads, which
is what most monitors are rated as. The analog output configu-
rations to drive such loads are described in the Analog Interface
section and illustrated in Figure 5. However, in some applica-
tions it may be required to drive long “transmission line” cable
lengths. Cable lengths greater than 10 meters can attenuate and
distort high frequency analog output pulses. The inclusion of
output buffers will compensate for some cable distortion. Buff-
ers with large full power bandwidths and gains between 2 and 4
will be required. These buffers will also need to be able to sup-
ply sufficient current over the complete output voltage swing.
Analog Devices produces a range of suitable op amps for such
applications. These include the AD84X series of monolithic op
amps. In very high frequency applications (80 MHz), the
AD9617 is recommended. More information on line driver buff-
ering circuits is given in the relevant op amp data sheets.
Use of buffer amplifiers also allows implementation of other
video standards besides RS-343A and RS-170. Altering the gain
components of the buffer circuit will result in any desired video
level.
DACs
Z = 75
Ω
O
(CABLE)
Z = 75
Ω
S
(SOURCE
TERMINATION)
AD848
V
S
–
V
S
+
0.1
µF
0.1
µF
IOR, IOG, IOB
75
Ω
2
7
6
4
3
Z
2
Z1
Z = 75
Ω
(MONITOR)
L
GAIN (G) = 1 +
Z1
Z2
Figure 7. AD848 As an Output Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com