Electronic Components Datasheet Search
  English  ▼

X  

LCA210 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA210
Description  Dual-Pole, 2-Form-A OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA210 Datasheet(HTML) 1 Page - IXYS Corporation

  LCA210 Datasheet HTML 1Page - IXYS Corporation LCA210 Datasheet HTML 2Page - IXYS Corporation LCA210 Datasheet HTML 3Page - IXYS Corporation LCA210 Datasheet HTML 4Page - IXYS Corporation LCA210 Datasheet HTML 5Page - IXYS Corporation LCA210 Datasheet HTML 6Page - IXYS Corporation LCA210 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA210-R08
1
LCA210
Dual-Pole, 2-Form-A
OptoMOS® Relay
e3
Pb
Part #
Description
LCA210
8-Pin DIP (50/Tube)
LCA210S
8-Pin Surface Mount (50/Tube)
LCA210STR
8-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
85
mA
rms / mADC
On-Resistance (max)
35
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate: B 09 07 49410 004
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
NC
+ Control
- Control
NC
8
7
6
5
Output 1
Output 2
Output 1
Output 2
The LCA210 is a common input, dual normally open
(2-Form-A) solid state relay that has two independent,
MOSFET switch outputs controlled by a common
input signal. It employs optically coupled MOSFET
technology to provide 3750V
rms of input/output
isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by highly
efficient GaAIAs infrared LEDs.
Common input OptoMOS relays can replace standard
dual-pole relays in a variety of applications. The
common-input relay eliminates the need to make
an external circuit connection when both poles are
controlled by a common signal.


Similar Part No. - LCA210

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
Common Input, Dual-Pole OptoMOS Relay
logo
Clare, Inc.
LCA210LS CLARE-LCA210LS Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LCA210LS IXYS-LCA210LS Datasheet
122Kb / 7P
Common Input, Dual-Pole OptoMOS Relay
More results

Similar Description - LCA210

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
Dual Pole OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
DUAL POLE OptoMOS Relay
LBA120 CLARE-LBA120 Datasheet
125Kb / 8P
DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com