Electronic Components Datasheet Search
  English  ▼

X  

ADV473 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV473
Description  CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV473 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV473 Datasheet HTML 4Page - Analog Devices ADV473 Datasheet HTML 5Page - Analog Devices ADV473 Datasheet HTML 6Page - Analog Devices ADV473 Datasheet HTML 7Page - Analog Devices ADV473 Datasheet HTML 8Page - Analog Devices ADV473 Datasheet HTML 9Page - Analog Devices ADV473 Datasheet HTML 10Page - Analog Devices ADV473 Datasheet HTML 11Page - Analog Devices ADV473 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADV473
–8–
REV. A
Command Register (CR)
The ADV473 has an internal command register (CR). This reg-
ister is 8 bits wide, CR0–CR7 and is directly mapped to the
MPU data bus on the part, D0–D7. The command register can
be written to or read from. It is not initialized, therefore it must
be set. Figure 4 shows what each bit of the CR register controls
and shows the values it must be programmed to for various
modes of operation.
Color Modes
The ADV473 supports four color modes, 24-bit true-color,
15-bit true-color, 8-bit true-color and 8-bit pseudo-color. The
mode of operation is determined by the S0 and S1 inputs, in
conjunction with CR7 and CR6 of the command register. S0
and S1 are pipelined to maintain synchronization with the video
data. Table III illustrates the modes of operation.
Table III. Color Operation Modes
OL3–OL0
S1, S0
CR7, CR6
Mode
R7–R0
G7–G0
B7–B0
1111
XX
XX
Overlay Color 15
XXH
XXH
XXH
.
.
.
.
...
.
.
.
.
...
0001
XX
XX
Overlay Color 1
XXH
XXH
XXH
0000
00
00
24-Bit True-Color
R7–R0
G7–G0
B7–B0
0000
00
01
24-Bit True-Color
R7–R0
G7–G0
B7–B0
0000
00
10
24-Bit True-Color
R7–R0
G7–G0
B7–B0
0000
00
11
Reserved
Reserved
Reserved
Reserved
0000
01
00
24-Bit True-Color Bypass
R7–R0
G7–G0
B7–B0
0000
01
01
24-Bit True-Color Bypass
R7–R0
G7–G0
B7–B0
0000
01
10
24-Bit True-Color Bypass
R7–R0
G7–G0
B7–B0
0000
01
11
Reserved
Reserved
Reserved
Reserved
0000
10
00
8-Bit Pseudo-Color (Red)
P7–P0
Ignored
Ignored
0000
10
01
8-Bit Pseudo-Color (Green)
Ignored
P7–P0
Ignored
0000
10
10
8-Bit Pseudo-Color (Blue)
Ignored
Ignored
P7–P0
0000
10
11
15-Bit True-Color
Orrrrrgg
gggbbbbb
Ignored
0000
11
00
8-Bit True-Color Bypass (Red)
rrrgggbb
Ignored
Ignored
0000
11
01
8-Bit True-Color Bypass (Green)
Ignored
rrrgggbb
Ignored
0000
11
10
8-Bit True-Color Bypass (Blue)
Ignored
Ignored
rrrgggbb
0000
11
11
15-Bit True-Color Bypass
Orrrrrgg
gggbbbbb
Ignored
X = Don’t Care
CONTROL OUTPUTS
THESE BITS ARE OUTPUT
ONTO THE CR3-CR0 PINS
CR5
0
1
0 IRE
7.5 IRE
PEDESTAL ENABLE
CONTROL (SETUP)
CR4
0
1
6-BIT
8-BIT
8-BIT/6-BIT
COLOR SELECT
COLOR MODE
SELECT
(SEE TABLE III)
CR5
CR4
CR3
CR2
CR1
CR7
CR6
CR0
Figure 4. Command Register (CR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com