Electronic Components Datasheet Search
  English  ▼

X  

MMAS40GWB Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMAS40GWB
Description  MICROMACHINED ACCELEROMETER 짹40g AMPLIFIED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMAS40GWB Datasheet(HTML) 3 Page - Motorola, Inc

  MMAS40GWB Datasheet HTML 1Page - Motorola, Inc MMAS40GWB Datasheet HTML 2Page - Motorola, Inc MMAS40GWB Datasheet HTML 3Page - Motorola, Inc MMAS40GWB Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMAS40GWB
3
Motorola Sensor Device Data
POSITIVE ACCELERATION SENSING DIRECTION
WINGBACK PACKAGE
* When positioned as shown, the earth’s gravity will result in a positive 1g output
12
16
7
*
Earth’s
Surface
WINGBACK PACKAGE DRILLING PATTERN
.13
0.088
0.588
.100 .200 .300 .400 .500
.000
.095 2X
.000
∅ .045 2X
∅ .030 6X
PIN 1
.627
Measurement in inches



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com