| Electronic Components Datasheet Search |
|
ADUC816 Datasheet(PDF) 51 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUC816 Datasheet(HTML) 51 Page - Analog Devices |
|
51 / 80 page ![]() REV. A ADuC834 –51– Notice also that direct access to the SCLOCK and SDATA/MOSI pins is afforded through the SFR interface in I 2C master mode. Therefore, if you are not using the SPI or I 2C functions, you can use these two pins to give additional high current digital outputs. HARDWARE SPI (MASTER/SLAVE) Q3 SCHMITT TRIGGER Q1 Q2 (OFF) DVDD SCLOCK PIN Q4 (OFF) SPE = 1 (SPI ENABLE) Figure 42. SCLOCK Pin I/O Functional Equivalent in SPI Mode MCO I2CM SFR BITS 50ns GLITCH REJECTION FILTER HARDWARE I2C (SLAVE ONLY) Q3 Q4 SCLOCK PIN Q2 Q1 (OFF) DVDD SPE = 0 (I2C ENABLE) Figure 43. SCLOCK Pin I/O Functional Equivalent in I2C Mode HARDWARE SPI (MASTER/SLAVE) Q3 Q1 Q2 (OFF) DVDD SDATA/ MOSI PIN Q4 (OFF) SPE = 1 (SPI ENABLE) Figure 44. SDATA/MOSI Pin I/O Functional Equivalent in SPI Mode Q3 Q4 Q2 Q1 (OFF) DVDD MDI MDO MDE I2CM HARDWARE I2C (SLAVE ONLY) 50ns GLITCH REJECTION FILTER SDATA/ MOSI PIN SFR BITS SPE = 0 (I2C ENABLE) Figure 45. SDATA/MOSI Pin I/O Functional Equivalent in I2C Mode As shown in Figure 46, the MISO pin in SPI master/slave operation offers the exact same pull-up and pull-down configu- ration as the MOSI pin in SPI slave/master operation. The SS pin has a weak internal pull-up permanently enabled to prevent the SS input from floating. This pull-up can be easily overdriven by an external device to drive the SS pin low. HARDWARE SPI (MASTER/SLAVE) MISO PIN DVDD Figure 46. MISO Pin I/O Functional Equivalent HARDWARE SPI (MASTER/SLAVE) SS PIN DVDD Figure 47. SS Pin I/O Functional Equivalent Read-Modify-Write Instructions Some 8051 instructions that read a port read the latch and others read the pin. The instructions that read the latch rather than the pins are the ones that read a value, possibly change it, and then rewrite it to the latch. These are called “read-modify- write” instructions. Listed below are the read-modify-write instructions. When the destination operand is a port, or a port bit, these instructions read the latch rather than the pin. ANL (Logical AND, e.g., ANL P1, A) ORL (Logical OR, e.g., ORL P2, A) XRL (Logical EX-OR, e.g., XRL P3, A) JBC (Jump If Bit = 1 and Clear Bit, e.g., JBC P1.1, LABEL CPL (Complement Bit, e.g., CPL P3.0) INC (Increment, e.g., INC P2) DEC (Decrement, e.g., DEC P2) DJNZ (Decrement and Jump IFf Not Zero, e.g.,DJNZ P3, LABEL) MOV PX.Y, C* (Move Carry to Bit Y of Port X) CLR PX.Y* (Clear Bit Y of Port X) SETB PX.Y* (Set Bit Y of Port X) The reason that read-modify-write instructions are directed to the latch rather than the pin is to avoid a possible misinterpreta- tion of the voltage level of a pin. For example, a port pin might be used to drive the base of a transistor. When a 1 is written to the bit, the transistor is turned on. If the CPU then reads the same port bit at the pin rather then the latch, it will read the base voltage of the transistor and interpret it as a Logic 0. Read- ing the latch rather than the pin will return the correct value of 1. *These instruction read the port byte (all 8 bits), modify the addressed bit and then write the new byte back to the latch. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |