Electronic Components Datasheet Search
  English  ▼

X  

ADV7121 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7121
Description  CMOS 80 MHz, Triple 10-Bit Video DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7121 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7121 Datasheet HTML 4Page - Analog Devices ADV7121 Datasheet HTML 5Page - Analog Devices ADV7121 Datasheet HTML 6Page - Analog Devices ADV7121 Datasheet HTML 7Page - Analog Devices ADV7121 Datasheet HTML 8Page - Analog Devices ADV7121 Datasheet HTML 9Page - Analog Devices ADV7121 Datasheet HTML 10Page - Analog Devices ADV7121 Datasheet HTML 11Page - Analog Devices ADV7121 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADV7121/ADV7122
–11–
REV. B
Supply Decoupling
Noise on the analog power plane can be further reduced by the
use of multiple decoupling capacitors (see Figure 8).
Optimum performance is achieved by the use of 0.1
µF ceramic
capacitors. Each of the two groups of VAA should be individually
decoupled to ground. This should be done by placing the ca-
pacitors as close as possible to the device with the capacitor
leads as short as possible, thus minimizing lead inductance.
It is important to note that while the ADV7121/ADV7122 con-
tains circuitry to reject power supply noise, this rejection de-
creases with frequency. If a high frequency switching power
supply is used, the designer should pay close attention to reduce
ing power supply noise. A dc power supply filter (Murata
BNX002) will provide EMI suppression between the switching
power supply and the main PCB. Alternatively, consideration
could be given to using a three terminal voltage regulator.
Digital Signal Interconnect
The digital signal lines to the ADV7121/ADV7122 should be
isolated as much as possible from the analog outputs and other
analog circuitry. Digital signal lines should not overlay the ana-
log power plane.
Due to the high clock rates used, long clock lines to the
ADV7121/ADV7122 should be avoided so as to minimize noise
pickup.
Any active pull-up termination resistors for the digital inputs
should be connected to the regular PCB power plane (VCC),
and not the analog power plane.
Analog Signal Interconnect
The ADV7121/ADV7122 should be located as close as possible
to the output connectors thus minimizing noise pickup and re-
flections due to impedance mismatch.
The video output signals should overlay the ground plane, and
not the analog power plane, thereby maximizing the high fre-
quency power supply rejection.
For optimum performance, the analog outputs should each
have a source termination resistance to ground of 75
Ω (doubly
terminated 75
Ω configuration). This termination resistance
should be as close as possible to the ADV7121/ADV7122 so as
to minimize reflections.
Additional information on PCB design is available in an appli-
cation note entitled “Design and Layout of a Video Graphics
System for Reduced EMI.” This application note is available
from Analog Devices, publication no. E1309–15–10/89.
Figure 8. ADV7121/ADV7122 Typical Connection Diagram and Component List
GND
FS ADJUST
IOR
IOG
IOB
GROUND
ADV7121/ADV7122
C3
0.1
µF
C5
0.1
µF
Z1 (AD589)
R1
75
Ω
R2
75
Ω
R3
75
Ω
C1
33
µF
C2
10
µF
COMP
C6
0.1
µF
ANALOG POWER PLANE
L2 (FERRITE BEAD)
R0
R9
G0
G9
B0
B9
CLOCK
SYNC*
BLANK*
RGB
VIDEO
OUTPUT
VIDEO
DATA
INPUTS
VIDEO
CONTROL
INPUTS
ANALOG GROUND PLANE
C4
0.1
µF
L1 (FERRITE BEAD)
*SYNC and BLANK FUNCTIONS ARE NOT PROVIDED ON THE ADV7121.
V
AA
V
REF
+5V (V
CC)
R
SET
560
Ω
COMPONENT
C1
C2
C3, C4, C5, C6
L1, L2
R1, R2, R3
R
SET
Z1
DESCRIPTION
33
µF TANTALUM CAPACITOR
10
µF TANTALUM
0.1
µF CERAMIC CAPACITOR
FERRITE BEAD
75
Ω 1% METAL FILM RESISTOR
1.235V VOLTAGE REFERENCE
560
Ω 1% METAL FILM RESISTOR
VENDOR PART NUMBER
FAIR-RITE 274300111 OR MURATA BL01/02/03
DALE CMF-55C
ANALOG DEVICES AD589JH
DALE CMF-55C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com