Electronic Components Datasheet Search
  English  ▼

X  

ADV7150LS135 Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7150LS135
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS135 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7150LS135 Datasheet HTML 28Page - Analog Devices ADV7150LS135 Datasheet HTML 29Page - Analog Devices ADV7150LS135 Datasheet HTML 30Page - Analog Devices ADV7150LS135 Datasheet HTML 31Page - Analog Devices ADV7150LS135 Datasheet HTML 32Page - Analog Devices ADV7150LS135 Datasheet HTML 33Page - Analog Devices ADV7150LS135 Datasheet HTML 34Page - Analog Devices ADV7150LS135 Datasheet HTML 35Page - Analog Devices ADV7150LS135 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ADV7150
–33–
REV. A
APPENDIX 7
THERMAL AND ENVIRONMENTAL CONSIDERATIONS
The ADV7150 is a very highly integrated monolithic silicon
device. This high level of integration, in such a small package,
inevitably leads to consideration of thermal and environmental
conditions in which the ADV7150 must operate. Reliability of
the device is significantly enhanced by keeping it as cool as pos-
sible. In order to avoid destructive damage to the device, the
absolute maximum junction temperature of 150
°C must never
be exceeded. Certain applications, depending on pixel data
rates, may require forced air cooling, or external heatsinks. The
following data is intended as a guide in evaluating the operating
conditions of a particular application so that optimum device
and system performance is achieved.
It should be noted that information on package characteristics pub-
lished herein may not be the most up to date at the time of reading
this. Advances in package compounds and manufacture will inevita-
bly lead to improvements in the thermal data. Please contact your
local sales office for the most up-to-date information.
Power Dissipation
The diagram shows graphs of power dissipation in watts vs.
pixel clock frequency for the ADV7150.
1.50
0.50
1.25
0.75
1.00
PIXEL CLOCK FREQUENCY – MHz
60
220
80
180
200
160
140
120
100
V
AA = 5V
V
REF = 1.2V
T
A = +25°C
NOTE: THE "WORST CASE ON-SCREEN PATTERN" CORRESPONDS TO FULL-SCALE
TRANSITION ON EACH PIXEL VALUE FOR EVERY CLOCK EDGE (00H, FFH, 00H, ... ).
THE "TYPICAL ON-SCREEN PATTERN" CORRESPONDS TO LINEAR CHANGES IN THE
PIXEL INPUT (I. E., A BLACK TO WHITE RAMP). IN GENERAL, COLOR IMAGES TEND
TO APPROXIMATE THIS CHARACTERISTIC.
Typical Power Dissipation vs. Pixel Rate
Package Characteristics
The table of thermal characteristics shows typical information
for the ADV7150 (160-Lead Plastic Power QFP) using various
values of Airflow.
Junction to Case (
θ
JC) Thermal Resistance for this particular
part is:
θ
JC (160-Lead Plastic Power QFP) = 1.0
°C/W
(Note:
θ
JC is independent of airflow.)
Table A. Thermal Characteristics vs. Airflow
Air Velocity
0
50
100
200
(Linear feet/min)
(Still Air)
θ
JA (°C/W)
No Heatsink
25.5
23
21
19
EG&G D10100-28 Heatsink 23
20
18
16
Thermalloy 2290 Heatsink
19
17
15
12
Thermal Model
The junction temperature of the device in a specific application
is given by:
TJ = TA + PD (θJC + θCA)
(1)
or
TJ = TA + PD (
θ
JA)
(2)
where:
TJ = Junction Temperature of Silicon (°C)
TA = Ambient Temperature (
°C)
PD = Power Dissipation (W)
θ
JC = Junction to Case Thermal Resistance (°C/W)
θ
CA = Case to Ambient Thermal Resistance (
°C/W)
θ
JA = Junction to Ambient Thermal Resistance (
°C/W)
Package Enhancements
The standard QFP package has been enhanced to a PowerQuad2
package. This supports an improved thermal performance com-
pared to standard QFP. In this case, the die is attached to
heatslug so that the power that is dissipated can be conducted to
the external surface of the package. This provides a highly effi-
cient path for the transfer of heat to the package surface. The
package configuration also provides an efficient thermal path
from the ADV7150 to the Printed Circuit Board via the leads.
Heatsinks
The maximum silicon junction temperature should be limited to
100
°C. Temperatures greater than this will reduce long term
device reliability. To ensure that the silicon junction tempera-
ture stays within prescribed limits, the addition of an external
heatsink may be necessary. Heatsinks, will reduce
θ
JA as shown
in the “Thermal Characteristics vs. Airflow” table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com