Electronic Components Datasheet Search
  English  ▼

X  

ADV7150LS85 Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7150LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS85 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7150LS85 Datasheet HTML 28Page - Analog Devices ADV7150LS85 Datasheet HTML 29Page - Analog Devices ADV7150LS85 Datasheet HTML 30Page - Analog Devices ADV7150LS85 Datasheet HTML 31Page - Analog Devices ADV7150LS85 Datasheet HTML 32Page - Analog Devices ADV7150LS85 Datasheet HTML 33Page - Analog Devices ADV7150LS85 Datasheet HTML 34Page - Analog Devices ADV7150LS85 Datasheet HTML 35Page - Analog Devices ADV7150LS85 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
ADV7150
–34–
REV. A
APPENDIX 8
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
S-160
160-Lead Plastic Power Quad Flatpack
TOP VIEW
(PINS DOWN)
PIN 1
121
160
1
120
41
40
80
81
0.014 (0.35)
0.011 (0.27)
1.239 (31.45)
1.219 (30.95)
1.107 (28.10)
1.100 (27.90)
SQ
SQ
0.026 (0.65) MIN
SEATING
PLANE
0.160 (4.07)
MAX
0.037 (0.95)
0.026 (0.65)
0.004 (0.10)
MAX
0.145 (3.67)
0.125 (3.17)
0.070 (1.77)
0.062 (1.57)
0.070 (1.77)
0.062 (1.57)
10
°
6
°±4°
4
°±4°
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com