Electronic Components Datasheet Search
  English  ▼

X  

RC207 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RC207
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE1000 Volts CURRENT 2.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RC207 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RC207 Datasheet HTML 1Page - Rectron Semiconductor RC207 Datasheet HTML 2Page - Rectron Semiconductor RC207 Datasheet HTML 3Page - Rectron Semiconductor RC207 Datasheet HTML 4Page - Rectron Semiconductor RC207 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE1000 Volts CURRENT 2.0 Amperes
FEATURES
* Reverse voltage to 1000v
* Surge overload ratings to 50 amperes peak
* Good for printed circuit board assembly
* Mounting position: Any
* Weight: 1.88 grams
* Silver-plated copper leads
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RC207
RC-2
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
2012-1
REV:A
1
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
50
-55 to + 150
Amps
0
C
UNITS
TJ
-55 to + 150
0
C
1000
700
RC207
Maximum Average Forward Output Current at TA = 25oC
Storage Temperature Range
1000
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25oC
@TA = 125oC
RC207
DC Blocking Voltage per element
Element at 2.0A DC
5.0
uAmps
.032 (0.8)
.028 (0.7)
.220 (5.6)
.180 (4.6)
.220 (5.6)
.180 (4.6)
(30.5)
(25.4)
1.2
1.0
MIN.
MIN.
POS.
LEAD
.290 (7.4)
.270 (6.9)
.394 (10.0)
.374 (9.5)
MECHANICAL DA TA
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
3. Equivalent to Vishay's GBU6 Series.


Similar Part No. - RC207

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RC207 RECTRON-RC207 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Dc Components
RC207 DCCOM-RC207 Datasheet
392Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
RC207 LRC-RC207 Datasheet
51Kb / 2P
2.0A WOM BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
RC207 MIC-RC207 Datasheet
100Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
RC207 CHONGQING-RC207 Datasheet
41Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RC207

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA200G RECTRON-MDA200G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
RC201 RECTRON-RC201 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
DB201S RECTRON-DB201S Datasheet
378Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS201 RECTRON-RS201 Datasheet
190Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
KBP2005G RECTRON-KBP2005G Datasheet
149Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2021-06/9 REV: H
MSB201S RECTRON-MSB201S Datasheet
210Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB20XS-T-A01 RECTRON-MSB20XS-T-A01 Datasheet
196Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
RBU201M RECTRON-RBU201M Datasheet
269Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2018-10 REV:A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com