Electronic Components Datasheet Search
  English  ▼

X  

SPK2040 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPK2040
Description  SCHOTTKY BARRIER SOLAR RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPK2040 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPK2040 Datasheet HTML 1Page - Rectron Semiconductor SPK2040 Datasheet HTML 2Page - Rectron Semiconductor SPK2040 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER SOLAR RECTIFIER
VOLTAGE 40 Volts CURRENT 20 Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
SPK2040
R-7
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High surge capabitity
* High reliability
* Ideal for solar panel PV application such as By-Pass diode
* Case: R-7 axial-leaded, molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.897 grams
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Forward Current @TL=125
oC(Note 1)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
20
300
35
2.0
Amps
0 C/W
0 C
Storage Temperature Range
R
q JA
R
q JL
IO
Operating Temperature Range
TJ
-55 to + 175
0 C
SPK2040
40
28
40
SPK2040
NOTES : 1. Heat-sink mounted 10mm max from body
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2010-05
REV: A
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward
Voltage at 20 A DC
Volts
100
2.5
@TA = 25
oC
@TA = 75
oC
.54
.47
@TA = 25
oC
@TA = 75
oC
mA
UNITS
175(Tj<200
oC in Bypass Mode)
.299 (7.6)
.291 (7.4)
.96 (24.5)
MIN.
.96 (24.5)
MIN.
DIA.
.065 (1.65)
.061 (1.55)
.319 (8.1)
.311 (7.9)
DIA.
3. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.


Similar Part No. - SPK2040

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPK2440 RECTRON-SPK2440 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 24 Amperes
SPK2540 RECTRON-SPK2540 Datasheet
110Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 25 Amperes
logo
Knowles Electronics
SPK2611HM7H-1-6 KNOWLES-SPK2611HM7H-1-6 Datasheet
3Mb / 37P
IA611 SmartMic Always On Voice Wake Audio Processor
Rev 1.2
logo
Surge Components
SPK2S471MND3545 SURGE-SPK2S471MND3545 Datasheet
363Kb / 2P
Long life and high temperature, down size and high ripple current
More results

Similar Description - SPK2040

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPKC1645 RECTRON-SPKC1645 Datasheet
311Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPK1645 RECTRON-SPK1645 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPK3040 RECTRON-SPK3040 Datasheet
110Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER
SPKC645F RECTRON-SPKC645F Datasheet
113Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER
SPKC845F RECTRON-SPKC845F Datasheet
103Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 8 Amperes
SPKC1645 RECTRON-SPKC1645_10 Datasheet
102Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
logo
Shanghai Shunye Electro...
10SQ030 SHUNYE-10SQ030 Datasheet
352Kb / 2P
SOLAR CELL SCHOTTKY RECTIFIER DIODE
logo
First Silicon Co., Ltd
SB1045 FS-SB1045 Datasheet
335Kb / 2P
Photovoltaic Solar cell Protection Schottky Rectifier 45V/10A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SPKC20100F RECTRON-SPKC20100F Datasheet
606Kb / 5P
SCHOTTKY BARRIER SOLAR RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com