Electronic Components Datasheet Search
  English  ▼

X  

RT7239 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT7239
Description  5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7239 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT7239 Datasheet HTML 10Page - Richtek Technology Corporation RT7239 Datasheet HTML 11Page - Richtek Technology Corporation RT7239 Datasheet HTML 12Page - Richtek Technology Corporation RT7239 Datasheet HTML 13Page - Richtek Technology Corporation RT7239 Datasheet HTML 14Page - Richtek Technology Corporation RT7239 Datasheet HTML 15Page - Richtek Technology Corporation RT7239 Datasheet HTML 16Page - Richtek Technology Corporation RT7239 Datasheet HTML 17Page - Richtek Technology Corporation RT7239 Datasheet HTML 18Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
RT7235/36/39/40
15
DS7235/36/39/40-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT7235/36/39/40
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and
should be kept at small area. Keep sensitive
components away from the SW node to prevent stray
capacitive noise pickup.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT7235/36/39/40 FB pin.
The GND and Exposed Pad should be connected to a
strong ground plane for heat sinking and noise protection.
(a). For TSSOP-14 (Exposed Pad) Package
Figure 6. Derating Curve of Maximum Power Dissipation
Figure 7. PCB Layout Guide
(c). For SOP-8 (Exposed) Package
EN
FB
PVCC
SS
VIN
BOOT
GND
SW
GND
2
3
4
5
6
7
8
9
C2
C1
C6
L1
C7
VOUT
C4
C5
R1
R2
GND
Input capacitor must be placed
as close to the IC as possible.
SW should be connected to inductor by
Wide and short trace. Keep sensitive
components away from this trace.
The resistor divider must
be connected as close to
the device as possible.
0.0
0.6
1.2
1.8
2.4
3.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
TSSOP-14 (Exposed Pad)
WDFN-10L 3x3
SOP-8 (Exposed Pad)
(b). For WDFN-10L 3x3 Package
FB
VIN
PGND
GND
SS
PVCC
PGOOD
EN
PGND
SW
SW
BOOT
VOUT
VINR
4
2
3
5
7
6
11
13
12
10
8
9
14
PGND
15
R2
R1
CVCC
CIN
CBOOT
L
VOUT
COUT
SW should be connected to inductor by
Wide and short trace. Keep sensitive
components away from this trace.
Place the feedback components
as close to the FB as possible
for better regulation.
Place the input and output
capacitors as close to the
IC as possible.
VOUT
PGND
CIN
L
VOUT
VOUT
CVCC
R2
R1
PGND
SW should be connected to inductor by Wide and short
trace. Keep sensitive components away from this trace.
EN
FB
PGOOD
SS
VIN
VIN
BOOT
SW
SW
PVCC
9
8
7
1
2
3
4
5
10
6
11
CBOOT
COUT
PGND
Place the feedback components
as close to the FB as possible
for better regulation.
Place the input and output
capacitors as close to the
IC as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com