Electronic Components Datasheet Search
  English  ▼

X  

RT7279 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7279
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7279 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7279 Datasheet HTML 1Page - Richtek Technology Corporation RT7279 Datasheet HTML 2Page - Richtek Technology Corporation RT7279 Datasheet HTML 3Page - Richtek Technology Corporation RT7279 Datasheet HTML 4Page - Richtek Technology Corporation RT7279 Datasheet HTML 5Page - Richtek Technology Corporation RT7279 Datasheet HTML 6Page - Richtek Technology Corporation RT7279 Datasheet HTML 7Page - Richtek Technology Corporation RT7279 Datasheet HTML 8Page - Richtek Technology Corporation RT7279 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RT7274/79/80/81
2
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Discontinuous Operating Mode
Forced PWM Mode
RT7274
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7280
Package Type
CP : TSSOP-14 (Exposed Pad)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7279
Package Type
CP : TSSOP-14 (Exposed Pad)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7281
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
FB
VIN
PGND
GND
SS
PVCC
PGOOD
EN
PGND
SW
SW
BOOT
VOUT
VINR
4
2
3
5
7
6
11
13
12
10
8
9
14
PGND
15
Marking Information
RT7281GSP : Product Number
YMDNN : Date Code
RT7281GSP
RT7279GCP : Product Number
YMDNN : Date Code
RT7279GCP
RT7280GCP : Product Number
YMDNN : Date Code
RT7280GCP
RT7274GSP : Product Number
YMDNN : Date Code
RT7274GSP
RT7274
GSPYMDNN
RT7279
GCPYMDNN
RT7281
GSPYMDNN
EN
FB
PVCC
SS
VIN
BOOT
GND
SW
GND
2
3
4
5
6
7
8
9
Pin Configurations
(TOP VIEW)
TSSOP-14 (Exposed Pad)
SOP-8 (Exposed Pad)
RT7280
GCPYMDNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com