Electronic Components Datasheet Search
  English  ▼

X  

SR0230 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR0230
Description  LOW Vf SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR0230 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR0230 Datasheet HTML 1Page - Rectron Semiconductor SR0230 Datasheet HTML 2Page - Rectron Semiconductor SR0230 Datasheet HTML 3Page - Rectron Semiconductor SR0230 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR02200
THRU
SR0220
DO-41
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=110OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.2
60
50
15
110
Amps
0 C/W
0 C
Storage Temperature Range
R
q JA
R
q JL
IO
pF
Operating Temperature Range
TJ
SR0220
20
150
-55 to + 150
0 C
SR0230 SR0240 SR0250 SR0260
30
40
50
60
14
21
28
35
42
20
30
40
50
60
SR0280 SR02100 SR02150 SR02200
SR0220 SR0230 SR0240 SR0250 SR0260 SR0280 SR02100 SR02150 SR02200
80
100
150
200
80
100
150
200
56
70
105
140
NOTES : 1. Thermal Resistance : At 9.5mm lead lengths, PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2010-05
REV: O
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 0.2A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
mA
UNITS
.28
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.33 gram
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7)
DIA.
4. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
LOW Vf SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 0.2 Ampere
Typical Current Squared Time
I
2T
A
2S
14.9


Similar Part No. - SR0230

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR0230 RECTRON-SR0230 Datasheet
224Kb / 3P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.2 Ampere
SR0230 RECTRON-SR0230 Datasheet
86Kb / 5P
LOW Vf SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR0230

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
S545U JINANJINGHENG-S545U Datasheet
70Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com