Electronic Components Datasheet Search
  English  ▼

X  

RT8025 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8025
Description  1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8025 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8025 Datasheet HTML 1Page - Richtek Technology Corporation RT8025 Datasheet HTML 2Page - Richtek Technology Corporation RT8025 Datasheet HTML 3Page - Richtek Technology Corporation RT8025 Datasheet HTML 4Page - Richtek Technology Corporation RT8025 Datasheet HTML 5Page - Richtek Technology Corporation RT8025 Datasheet HTML 6Page - Richtek Technology Corporation RT8025 Datasheet HTML 7Page - Richtek Technology Corporation RT8025 Datasheet HTML 8Page - Richtek Technology Corporation RT8025 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8025
2
DS8025-02 March 2011
www.richtek.com
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
Figure 2. Adjustable Voltage Regulator
0.5V
V
and
1M
R2
R1
with
R2
R1
1
x
V
V
REF(Typ.)
REF
OUT
=
Ω
≤
+
⎟
⎠
⎞
⎜
⎝
⎛ +
=
Layout Guide
Layout note:
1. The distance that CIN connects to VIN is as close as possible (Under 2mm).
2. COUT should be placed near RT8025.
Figure 3
VIN
GND
EN
LX
2
3
5
4
1
VOUT
V
IN
C
IN
V
OUT
L
GND
C
OUT
VIN
GND
EN
LX
2
3
5
4
1
FB
V
IN
C
IN
V
OUT
L
GND
V
OUT
C
OUT
R2
R1
C1
4.7µF
10µF
VIN
LX
GND
RT8025
EN
VOUT
4.7µH
2.5V to 5.5V
VIN
VOUT
CIN
L
4
5
1
3
2
COUT
4.7µF
10µF
VIN
LX
GND
RT8025
EN
FB
4.7µH
2.5V to 5.5V
VIN
VOUT
CIN
L
4
5
1
3
2
COUT
R1
R2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com