Electronic Components Datasheet Search
  English  ▼

X  

RT8057 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8057
Description  2.25MHz 1A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8057 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8057 Datasheet HTML 1Page - Richtek Technology Corporation RT8057 Datasheet HTML 2Page - Richtek Technology Corporation RT8057 Datasheet HTML 3Page - Richtek Technology Corporation RT8057 Datasheet HTML 4Page - Richtek Technology Corporation RT8057 Datasheet HTML 5Page - Richtek Technology Corporation RT8057 Datasheet HTML 6Page - Richtek Technology Corporation RT8057 Datasheet HTML 7Page - Richtek Technology Corporation RT8057 Datasheet HTML 8Page - Richtek Technology Corporation RT8057 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT8057
2
DS8057-03
November 2011
www.richtek.com
Function Pin Description
Pin No.
Pin Name
Pin Function
1
LX
Switch Node. Connect to the external inductor.
2
NC
No Internal Connection. Connect to GND.
3
FB
Feedback Pin. Connect to the external resistor divider.
4
EN
Chip Enable (Active High).
5
VIN
Power Input. Connect to the input capacitor.
6,
7 (Exposed Pad)
GND
Power GND. The Exposed Pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
Function Block Diagram
Typical Application Circuit
COMP
RC
RS1
RS2
EN
VIN
LX
FB
UVLO &
Power Good
Detector
VREF
Slope
Compensation
Current
Sense
OSC &
Shutdown
Control
Current
Limit
Detector
Driver
Control
Logic
PWM
Comparator
Error
Amplifier
GND
VIN
LX
RT8057
EN
FB
VIN
VOUT
L1
3
1
5
4
COUT
R1
R2
C1
GND
6, 7 (Exposed Pad)
2.2µH
10pF
10µF
CIN
4.7µF
680k
240k
2.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com