Electronic Components Datasheet Search
  English  ▼

X  

RT8059 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8059
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8059 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8059 Datasheet HTML 1Page - Richtek Technology Corporation RT8059 Datasheet HTML 2Page - Richtek Technology Corporation RT8059 Datasheet HTML 3Page - Richtek Technology Corporation RT8059 Datasheet HTML 4Page - Richtek Technology Corporation RT8059 Datasheet HTML 5Page - Richtek Technology Corporation RT8059 Datasheet HTML 6Page - Richtek Technology Corporation RT8059 Datasheet HTML 7Page - Richtek Technology Corporation RT8059 Datasheet HTML 8Page - Richtek Technology Corporation RT8059 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT8059
®
DS8059-04 December 2011
www.richtek.com
Copyright 2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
1
Features
Wide Input Voltage from 2.8V to 5.5V
Adjustable Output from 0.6V to VIN
1A Output Current
95% Efficiency
No Schottky Diode Required
1.5MHz Fixed Frequency PWM Operation
Small TSOT-23-5 Package
RoHS Compliant and Halogen Free
Applications
NIC Card
Cellular Telephones
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
Portable Instruments
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
General Description
The RT8059 is a high efficiency Pulse Width Modulated
(PWM) step-down DC/DC converter, capable of delivering
1A output current over a wide input voltage range from
2.8V to 5.5V. The RT8059 is ideally suited for portable
electronic devices that are powered by 1-cell Li-ion battery
or by other power sources within the range, such as cellular
phones, PDAs and handy-terminals.
Internal synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. No external
Schottky diode is required in practical applications. The
RT8059 automatically turns off the synchronous rectifier
when the inductor current is low and enters discontinuous
PWM mode. This can increase efficiency in light load
condition.
The RT8059 enters low dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. The RT8059 enters
shutdown mode and consumes less than 0.1
μA when the
EN pin is pulled low.
The switching ripple can be easily smoothed out by small
package filtering elements due to a fixed operation
frequency of 1.5MHz. This along with small TSOT-23-5
package provides small PCB area application. Other
features include soft-start, lower internal reference voltage
with 2% accuracy, over temperature protection, and over
current protection.
Ordering Information
Pin Configurations
(TOP VIEW)
TSOT-23-5
Note :
Richtek products are :
RoHS compliant and compatible with the current
require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering
processes.
EN GND LX
FB
VIN
4
23
5
BQ= : Product Code
DNN : Date Code
Marking Information
BQ=DNN
RT8059
Package Type
J5 : TSOT-23-5
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8059

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RT8059GJ5-TP TECHPUBLIC-RT8059GJ5-TP Datasheet
3Mb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator
More results

Similar Description - RT8059

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com