Electronic Components Datasheet Search
  English  ▼

X  

RT8060 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8060
Description  1.5MHz, 1A High Efficiency Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8060 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8060 Datasheet HTML 1Page - Richtek Technology Corporation RT8060 Datasheet HTML 2Page - Richtek Technology Corporation RT8060 Datasheet HTML 3Page - Richtek Technology Corporation RT8060 Datasheet HTML 4Page - Richtek Technology Corporation RT8060 Datasheet HTML 5Page - Richtek Technology Corporation RT8060 Datasheet HTML 6Page - Richtek Technology Corporation RT8060 Datasheet HTML 7Page - Richtek Technology Corporation RT8060 Datasheet HTML 8Page - Richtek Technology Corporation RT8060 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT8060
1
DS8060-03 April 2011
www.richtek.com
Features
2.7V to 5.5V Wide Input Voltage Range
Adjustable Output Voltage
1A Output Current
Up to 95% Efficiency
1.5MHz Fixed Frequency PWM Operation
Power Good Indicator
Over Current Protection
Internal Sort-Start
No Schottky Diode Required
Internal Compensation
RoHS Compliant and Halogen Free
Applications
Storage Device : HDD/ODD
Wireless and DSL Modems
1.5MHz, 1A High Efficiency Step-Down Converter
General Description
The RT8060 is a current mode, high efficiency PWM step-
down DC/DC converter that can support a wide input
voltage range from 2.7V to 5.5V, while delivering up to 1A
output current. The current mode operation provides fast
transient response and eases loop stabilization.
A 1.5MHz frequency operation allows the use of a smaller
inductor to meet the space and height limitations handheld
applications.
The RT8060 is available in a SOT-23-5 package.
Ordering Information
Pin Configurations
(TOP VIEW)
SOT-23-5
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
PGOOD GND LX
FB
VIN
4
23
5
Marking Information
3R=DNN
3R = : Product Code
DNN : Date Code
Typical Application Circuit
4.7µF
10µF
VIN
FB
GND
RT8060
LX
PGOOD
2.2µH
VIN
VOUT
CIN
L
1
5
4
3
2
COUT
C1
10pF
200k
200k
R1
R2
RT8060
Package Type
B : SOT-23-5
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8060

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
More results

Similar Description - RT8060

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com