Electronic Components Datasheet Search
  English  ▼

X  

RT8062 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8062
Description  2A, 2MHz, Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8062 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8062 Datasheet HTML 1Page - Richtek Technology Corporation RT8062 Datasheet HTML 2Page - Richtek Technology Corporation RT8062 Datasheet HTML 3Page - Richtek Technology Corporation RT8062 Datasheet HTML 4Page - Richtek Technology Corporation RT8062 Datasheet HTML 5Page - Richtek Technology Corporation RT8062 Datasheet HTML 6Page - Richtek Technology Corporation RT8062 Datasheet HTML 7Page - Richtek Technology Corporation RT8062 Datasheet HTML 8Page - Richtek Technology Corporation RT8062 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT8062
2
DS8062-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
COMP
Error Amplifier Compensation Point. The current comparator threshold increases
with this control voltage. Connect external compensation elements to this pin to
stabilize the control loop.
2,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
3
EN
Enable Control Input. Float or connect this pin to logic high for enable. Connect to
GND for disable.
4
VIN
Power Input Supply. Decouple this pin to GND with a capacitor.
5, 6
LX
Internal Power MOSFET Switches Output. Connect these pins to the inductor
together.
7
RT
Oscillator Resistor Input. Connecting a resistor from this pin to GND sets the
switching frequency. If this pin is floating, the frequency will be set at 2MHz
internally.
8
FB
Feedback. Receives the feedback voltage from a resistive divider connected across
the output.
Typical Application Circuit
Note : Using all Ceramic Capacitors
3
EN
VIN
4
RT8062
VIN
2.7V to 5.5V
RT
7
LX
5, 6
COMP
FB
8
1
GND
2,
9 (Exposed Pad)
ROSC
L
COUT
RCOMP
VOUT
CIN
10µF
CCOMP
R1
R2
Table 1. Recommended Components Selection for fSW = 1MHz
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RCOMP (kΩ)
CCOMP (pF)
L (
μH)
COUT (μF)
3.3
75
24
33
560
2.0
22
2.5
51
24
22
560
2.0
22
1.8
30
24
15
560
1.5
22
1.5
21
24
13
560
1.5
22
1.2
12
24
11
560
1.5
22
1.0
6
24
8.2
560
1.5
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com