Electronic Components Datasheet Search
  English  ▼

X  

RT8063 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8063
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8063 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8063 Datasheet HTML 3Page - Richtek Technology Corporation RT8063 Datasheet HTML 4Page - Richtek Technology Corporation RT8063 Datasheet HTML 5Page - Richtek Technology Corporation RT8063 Datasheet HTML 6Page - Richtek Technology Corporation RT8063 Datasheet HTML 7Page - Richtek Technology Corporation RT8063 Datasheet HTML 8Page - Richtek Technology Corporation RT8063 Datasheet HTML 9Page - Richtek Technology Corporation RT8063 Datasheet HTML 10Page - Richtek Technology Corporation RT8063 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT8063
8
DS8063-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The basic IC application circuit is shown in Typical
Application Circuit. External component selection is
determined by the maximum load current and begins with
the selection of the inductor value and operating frequency
followed by CIN and COUT.
Main Control Loop
During normal operation, the internal high side power
switch (P-MOSFET) is turned on at the beginning of each
clock cycle. The inductor current increases until it reaches
the value defined by the output voltage (VCOMP) of the error
amplifier. The error amplifier adjusts its output voltage by
comparing the feedback signal from a resistive voltage
divider on the FB pin with an internal 0.8V reference. When
the load current increases, it causes a reduction in the
feedback voltage relative to the reference. The error amplifier
increases its output voltage until the average inductor
current matches the new load current. When the high
side power MOSFET shuts off, the synchronous power
switch (N-MOSFET) turns on until the beginning of the
next clock cycle.
Output Voltage Setting
The output voltage is set by an external resistive voltage
divider according to the following equation :
where VREF is 0.8V typical. The resistive voltage divider
allows the FB pin to sense a fraction of the output voltage
as shown in Figure 1.
RT8063
FB
GND
VOUT
R1
R2
Figure 1. Setting the Output Voltage
Soft-Start
The RT8063 includes an internal soft-start function that
gradually raises the clamp on the COMP pin.
OUT
REF
R1
V
= V
1 +
R2
⎛⎞
×⎜⎟
⎝⎠
Operating Frequency
Selection of the operating frequency is a tradeoff between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values,
but at the expense of efficiency. On the other hand,
operation at lower frequency improves efficiency by
reducing internal gate charge and switching losses, but
requires larger inductance and/or capacitance to maintain
low output ripple voltage.
The operating frequency of the IC is determined by an
external resistor, ROSC, that is connected between the RT
pin and ground. The value of the resistor sets the ramp
current that is used to charge and discharge an internal
timing capacitor within the oscillator. The practical switching
frequency ranges from 200kHz to 2MHz. However, when
the RT pin is floating, the internal frequency is set at 2MHz.
Determine the RT resistor value by examining the curve
below. Please notice the minimum on time is about 90ns.
Figure 2. Switching Frequency vs. RRT
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current, DIL, increases with higher VIN and decreases
with higher inductance :
OUT
OUT
L
IN
VV
I =
1 -
f x L
V
⎡⎤ ⎛
⎞
Δ×⎜⎟
⎢⎥
⎣⎦ ⎝
⎠
Ω
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
300
600
900
1200
1500
1800
2100
RRT (k )



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com