Electronic Components Datasheet Search
  English  ▼

X  

RT8064 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8064
Description  2A, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8064 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8064 Datasheet HTML 1Page - Richtek Technology Corporation RT8064 Datasheet HTML 2Page - Richtek Technology Corporation RT8064 Datasheet HTML 3Page - Richtek Technology Corporation RT8064 Datasheet HTML 4Page - Richtek Technology Corporation RT8064 Datasheet HTML 5Page - Richtek Technology Corporation RT8064 Datasheet HTML 6Page - Richtek Technology Corporation RT8064 Datasheet HTML 7Page - Richtek Technology Corporation RT8064 Datasheet HTML 8Page - Richtek Technology Corporation RT8064 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8064
®
DS8064-07
November 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
LCD TV and Monitor
Notebook Computers
Distributed Power Systems
IP Phones
Digital Cameras
General Description
The RT8064 is a high efficiency synchronous, step-down
DC/DC converter. Its input voltage range is from 2.7V to
5.5V and provides an adjustable regulated output voltage
from 0.8V to 5V while delivering up to 2A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The default switching
frequency is set at 2MHz, if the RT pin is left open. It can
also be varied from 200kHz to 2MHz by adding an external
resistor. Current mode operation with external
compensation allows the transient response to be
optimized over a wide range of loads and output capacitors.
Ordering Information
2A, 2MHz, Synchronous Step-Down Converter
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
High Efficiency : Up to 95%
Adjustable Frequency : 200kHz to 2MHz
No Schottky Diode Required
0.8V Reference Allows Low Output Voltage
Low Dropout Operation : 100% Duty Cycle
Enable Function
External Soft-Start
Power Good Function
RoHS Compliant and Halogen Free
Marking Information
RT8064ZSP : Product Number
YMDNN : Date Code
RT8064ZSP
RT8064
ZSPYMDNN
28 YM
DNN
RT8064ZQW
28 : Product Code
YMDNN : Date Code
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
QW : WDFN-8L 3x3 (W-Type)
RT8064
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT8064

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZQW RICHTEK-RT8064ZQW Datasheet
202Kb / 13P
High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8064

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
2A, 2MHz, Synchronous Step-Down Regulator
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
2A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com