Electronic Components Datasheet Search
  English  ▼

X  

RT8073 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8073
Description  6A, 2MHz, High Efficiency Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8073 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8073 Datasheet HTML 8Page - Richtek Technology Corporation RT8073 Datasheet HTML 9Page - Richtek Technology Corporation RT8073 Datasheet HTML 10Page - Richtek Technology Corporation RT8073 Datasheet HTML 11Page - Richtek Technology Corporation RT8073 Datasheet HTML 12Page - Richtek Technology Corporation RT8073 Datasheet HTML 13Page - Richtek Technology Corporation RT8073 Datasheet HTML 14Page - Richtek Technology Corporation RT8073 Datasheet HTML 15Page - Richtek Technology Corporation RT8073 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT8073
13
DS8073-01
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of RT8073.
A ground plane is recommended. If a ground plane layer
is not used, the signal and power grounds should be
segregated with all small-signal components returning
to the GND pin at one point that is then connected to
the PGND pin close to the IC. The exposed pad should
be connected to GND.
Connect the terminal of the input capacitor(s), CIN, as
close as possible to the VIN pin. This capacitor provides
the AC current into the internal power MOSFETs.
LX node is with high frequency voltage swing and should
be kept within small area. Keep all sensitive small-signal
nodes away from the LX node to prevent stray capacitive
noise pick-up.
Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of power components.
Connect the FB pin directly to the feedback resistors.
The resistor divider must be connected between VOUT
and GND.
Figure 6. Derating Curve of Maximum Power Dissipation
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOP-8 (Exposed Pad) packages, the thermal resistance,
θJA, is 49°C/W on a standard JEDEC 51-7 four-layer
thermal test board. For WDFN-12L 3x3 packages, the
thermal resistance,
θJA, is 60°C/W on a standard JEDEC
51-7 four-layer thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by the following
formulas :
PD(MAX) = (125
°C − 25°C) / (49°C/W) = 2.041W for
SOP-8 (Exposed Pad) package
PD(MAX) = (125
°C − 25°C) / (60°C/W) = 1.667W for
WDFN-12L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curves in Figure 6 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
25
50
75
100
125
Ambient Temperature (°C)
WDFN-12L 3x3
Four-Layer PCB
SOP-8 (Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com