Electronic Components Datasheet Search
  English  ▼

X  

RT8075 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8075
Description  Dual 1A, 1.25MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8075 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8075 Datasheet HTML 1Page - Richtek Technology Corporation RT8075 Datasheet HTML 2Page - Richtek Technology Corporation RT8075 Datasheet HTML 3Page - Richtek Technology Corporation RT8075 Datasheet HTML 4Page - Richtek Technology Corporation RT8075 Datasheet HTML 5Page - Richtek Technology Corporation RT8075 Datasheet HTML 6Page - Richtek Technology Corporation RT8075 Datasheet HTML 7Page - Richtek Technology Corporation RT8075 Datasheet HTML 8Page - Richtek Technology Corporation RT8075 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT8075
1
DS8075-04 April 2011
www.richtek.com
Features
2.5V to 5.5V Input Range
1A Output Current
1.25MHz Fixed Frequency PWM Operation
95% Efficiency
No Schottky Diode Required
0.6V Reference Allows Low Output Voltage
Low Dropout Operation : 100% Duty Cycle
Small 10-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
Portable Instruments
Microprocessors and DSP Core Supplies
Cellular Phones
Wireless and DSL Modems
PC Cards
Dual 1A, 1.25MHz Synchronous Step-Down Converter
General Description
The RT8075 is a high efficiency Pulse-Width-Modulated
(PWM) dual step-down DC/DC converter. Capable of
delivering up to 1A output current over a wide input voltage
range from 2.5V to 5.5V, the RT8075 is ideally suited for
portable electronic devices that are powered from 1-cell
Li-ion battery or from other power sources such as cellular
phones, PDAs, PC WLAN card and hand-held devices.
Three operating modes are available including : PWM
mode, Low Dropout Mode and shut-down mode. The
Internal synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. No external
Schottky diode is required in practical application. The
RT8075 enters Low Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. The RT8075 enters shut-
down mode and consumes less than 0.1
μA when the EN
pin is pulled low.
The switching ripple is easily smoothed-out by small
package filtering elements due to the fixed operating
frequency of 1.25MHz. The RT8075 is available in the
WDFN-10L 3x3 package.
Ordering Information
Marking Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
EN1
FB1
LX2
GND
LX1
GND
VIN1
EN2
FB2
VIN2
9
8
7
1
2
3
4
5
10
11
38=YM
DNN
RT8075GQW
38= : Product Code
YMDNN : Date Code
RT8075ZQW
38 : Product Code
YMDNN : Date Code
38 YM
DNN
RT8075
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT8075

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8075

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
1A Dual Synchronous Step-down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com