Electronic Components Datasheet Search
  English  ▼

X  

AMP01 Datasheet(PDF) 8 Page - Analog Devices

Part # AMP01
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01 Datasheet(HTML) 8 Page - Analog Devices

Back Button AMP01 Datasheet HTML 4Page - Analog Devices AMP01 Datasheet HTML 5Page - Analog Devices AMP01 Datasheet HTML 6Page - Analog Devices AMP01 Datasheet HTML 7Page - Analog Devices AMP01 Datasheet HTML 8Page - Analog Devices AMP01 Datasheet HTML 9Page - Analog Devices AMP01 Datasheet HTML 10Page - Analog Devices AMP01 Datasheet HTML 11Page - Analog Devices AMP01 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AMP01
–8–
REV. D
TEMPERATURE – C
–75 –50
150
–25
0
25
75
100 125
50
50
40
–40
0
–10
–20
–30
30
10
20
VS = 15V
Figure 2. Input Offset Voltage
vs. Temperature
POWER SUPPLY VOLTAGE – Volts
2.5
2.0
–1.0
0
5
25
10
15
20
1.0
0.5
0
–0.5
1.5
TA = +25 C
Figure 5. Output Offset Voltage
Change vs. Supply Voltage
TEMPERATURE – C
0.8
–0.6
–75 –50
150
–25
0
25
75
100 125
50
0.6
0.2
0.0
–0.2
–0.4
0.4
VS = 15V
Figure 8. Input Offset Current
vs. Temperature
POWER SUPPLY VOLTAGE – Volts
8
6
–6
0
5
20
10
15
2
0
–2
–4
4
TA = +25 C
UNIT NO.
1
2
3
4
Figure 3. Input Offset Voltage
vs. Supply Voltage
TEMPERATURE – C
5
–2
–75 –50
150
–25
0
25
75
100 125
50
4
2
1
0
–1
3
VS = 15V
Figure 6. Input Bias Current
vs. Temperature
VOLTAGE GAIN – G
140
100
1
10k
120
10
100
1k
130
110
VS = 15V
TA = +25 C
Figure 9. Common-Mode Rejection
vs. Voltage Gain
TEMPERATURE – C
–75 –50
150
–25
0
25
75
100 125
50
5
4
–4
0
–1
–2
–3
3
1
2
–5
VS = 15V
Figure 4. Output Offset Voltage
vs. Temperature
POWER SUPPLY VOLTAGE – Volts
2.0
1.5
–1.5
0
5
20
10
15
0.5
0
–0.5
–1.0
1.0
TA = +25 C
Figure 7. Input Bias Current
vs. Supply Voltage
FREQUENCY – Hz
140
0
1
10
100k
100
1k
10k
120
100
80
60
40
20
VCM = 2V p-p
VS = 15V
TA = +25 C
G = 1000
G = 100
G = 1
G = 10
Figure 10. Common-Mode Rejection
vs. Frequency
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com