Electronic Components Datasheet Search
  English  ▼

X  

RT8252A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8252A
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8252A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8252A Datasheet HTML 1Page - Richtek Technology Corporation RT8252A Datasheet HTML 2Page - Richtek Technology Corporation RT8252A Datasheet HTML 3Page - Richtek Technology Corporation RT8252A Datasheet HTML 4Page - Richtek Technology Corporation RT8252A Datasheet HTML 5Page - Richtek Technology Corporation RT8252A Datasheet HTML 6Page - Richtek Technology Corporation RT8252A Datasheet HTML 7Page - Richtek Technology Corporation RT8252A Datasheet HTML 8Page - Richtek Technology Corporation RT8252A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8252A
1
DS8252A-02 March 2011
www.richtek.com
Ordering Information
Pin Configurations
(TOP VIEW)
Applications
Wireless AP/Router
Set-Top-Box
Industrial and Commercial Low Power Systems
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation of High-Performance DSPs
SOP-8 (Exposed Pad)
2A, 23V, 340kHz Synchronous Step-Down Converter
General Description
The RT8252A is a high efficiency, monolithic synchronous
step-down DC/DC converter that can deliver up to 2A
output current from a 4.5V to 23V input supply. The
RT8252A's current mode architecture and external
compensation allow the transient response to be
optimized over a wide range of loads and output capacitors.
Cycle-by-cycle current limit provides protection against
shorted outputs and soft-start eliminates input current
surge during start-up. The RT8252A also provides under
voltage protection and thermal shutdown prptection. The
low current (<3
μA) shutdown mode provides output
disconnect, enabling easy power management in battery-
powered systems. The RT8252A is available in a
SOP-8 (Exposed Pad) package.
Features
±±±±±1.5% High Accuracy Feedback Voltage
4.5V to 23V Input Voltage Range
2A Output Current
Integrated N-MOSFET Switches
Current Mode Control
Fixed Frequency Operation : 340kHz
Adjustable Output from 0.8V to 20V
Up to 95% Efficiency
Programmable Soft-Start
Stable with Low-ESR Ceramic Output Capacitors
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
RT8252AGSP : Product Number
x : H or L
YMDNN : Date Code
RT8252A
xGSPYMDNN
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8252A
Lead Plating System
G : Green (Halogen Free and Pb Free)
H : UVP Hiccup
L : UVP Latch-Off


Similar Part No. - RT8252A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - RT8252A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8294 RICHTEK-RT8294 Datasheet
263Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
2A, 23V, 340KHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com