Electronic Components Datasheet Search
  English  ▼

X  

AMP02 Datasheet(PDF) 8 Page - Analog Devices

Part # AMP02
Description  High Accuracy 8-Pin Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02 Datasheet(HTML) 8 Page - Analog Devices

Back Button AMP02 Datasheet HTML 4Page - Analog Devices AMP02 Datasheet HTML 5Page - Analog Devices AMP02 Datasheet HTML 6Page - Analog Devices AMP02 Datasheet HTML 7Page - Analog Devices AMP02 Datasheet HTML 8Page - Analog Devices AMP02 Datasheet HTML 9Page - Analog Devices AMP02 Datasheet HTML 10Page - Analog Devices AMP02 Datasheet HTML 11Page - Analog Devices AMP02 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AMP02
REV. D
–8–
The voltage gain can range from 1 to 10,000. A gain set resistor
is not required for unity-gain applications. Metal-film or wire-
wound resistors are recommended for best results.
The total gain accuracy of the AMP02 is determined by the tol-
erance of the external gain set resistor, RG, combined with the
gain equation accuracy of the AMP02. Total gain drift com-
bines the mismatch of the external gain set resistor drift with
that of the internal resistors (20 ppm/
°C typ). Maximum gain
drift of the AMP02 independent of the external gain set resistor
is 50 ppm/
°C.
All instrumentation amplifiers require attention to layout so
thermocouple effects are minimized. Thermocouples formed be-
tween copper and dissimilar metals can easily destroy the
TCVOS performance of the AMP02 which is typically
0.5
µV/°C. Resistors themselves can generate thermoelectric
EMFs when mounted parallel to a thermal gradient.
The AMP02 uses the triple op amp instrumentation amplifier
configuration with the input stage consisting of two transimped-
ance amplifiers followed by a unity-gain differential amplifier.
The input stage and output buffer are laser-trimmed to increase
gain accuracy. The AMP02 maintains wide bandwidth at all
gains as shown in Figure 26. For voltage gains greater than 10,
the bandwidth is over 200 kHz. At unity-gain, the bandwidth of
the AMP02 exceeds 1 MHz.
Figure 26. The AMP02 Keeps Its Bandwidth at
High Gains
COMMON-MODE REJECTION
Ideally, an instrumentation amplifier responds only to the differ-
ence between the two input signals and rejects common-mode
voltages and noise. In practice, there is a small change in output
voltage when both inputs experience the same common-mode
voltage change; the ratio of these voltages is called the common-
mode gain. Common-mode rejection (CMR) is the logarithm
of the ratio of differential-mode gain to common-mode gain, ex-
pressed in dB. Laser trimming is used to achieve the high CMR
of the AMP02.
APPLICATIONS INFORMATION
INPUT AND OUTPUT OFFSET VOLTAGES
Instrumentation amplifiers have independent offset voltages
associated with the input and output stages. The input offset
component is directly multiplied by the amplifier gain, whereas
output offset is independent of gain. Therefore, at low gain,
output-offset-errors dominate, while at high gain, input-offset-
errors dominate. Overall offset voltage, VOS, referred to the out-
put (RTO) is calculated as follows:
VOS (RTO) = (VIOS
G) + VOOS
where VIOS and VOOS are the input and output offset voltage
specifications and G is the amplifier gain.
The overall offset voltage drift TCVOS, referred to the output, is
a combination of input and output drift specifications. Input
offset voltage drift is multiplied by the amplifier gain, G, and
summed with the output offset drift:
TCVOS (RTO) = (TCVIOS
G) + TCVOOS
where TCVIOS is the input offset voltage drift, and TCVOOS is
the output offset voltage drift. Frequently, the amplifier drift is
referred back to the input (RTI) which is then equivalent to an
input signal change:
TCVOS (RTI) =TCVIOS +
TCV OOS
G
For example, the maximum input-referred drift of an
AMP02EP set to G = 1000 becomes:
TCVOS (RTI) = 2 µV/°C +
100
µV /°C
1000
= 2.1
µV/°C
INPUT BIAS AND OFFSET CURRENTS
Input transistor bias currents are additional error sources which
can degrade the input signal. Bias currents flowing through the
signal source resistance appear as an additional offset voltage.
Equal source resistance on both inputs of an IA will minimize
offset changes due to bias current variations with signal voltage
and temperature. However, the difference between the two bias
currents, the input offset current, produces an error. The mag-
nitude of the error is the offset current times the source resistance.
A current path must always be provided between the differential
inputs and analog ground to ensure correct amplifier operation.
Floating inputs, such as thermocouples, should be grounded
close to the signal source for best common-mode rejection.
GAIN
The AMP02 only requires a single external resistor to set the
voltage gain. The voltage gain, G, is:
G
=
50 k
Ω
RG
+1
and
RG =
50 k
Ω
G –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com