Electronic Components Datasheet Search
  English  ▼

X  

PE9006 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9006
Description  N Female to N Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9006 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9006 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female to N Female Adapter
Configuration
Connector 1
N Female
Connector Specification 1
MIL-STD-348A
Connector 2
N Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.43 [36.32]
Width/Dia., in [mm]
0.669 [16.99]
.
Dielectric Type
Teflon
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
N Female to N Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to N Female Adapter PE9006
PE9006
PE9006 REV


Similar Part No. - PE9006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
More results

Similar Description - PE9006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9131 PASTERNACK-PE9131 Datasheet
251Kb / 3P
N Female to TNC Female Adapter
PE9206 PASTERNACK-PE9206 Datasheet
251Kb / 3P
N Female to BNC Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
N Female to LC Female Adapter
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
N Female to UHF Female Adapter
PE9354 PASTERNACK-PE9354 Datasheet
250Kb / 2P
SSMA Female to N Female Adapter
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
PE9428 PASTERNACK-PE9428 Datasheet
346Kb / 4P
Precision N Female to N Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com