Electronic Components Datasheet Search
  English  ▼

X  

PE9007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9007
Description  N Male to N Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9007 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to N Male Adapter
Configuration
Connector 1
N Male
Connector Specification 1
MIL-STD-348A
Connector 2
N Male
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.606 [40.79]
Width/Dia., in [mm]
0.827 [21.01]
.
Dielectric Type
Teflon
Connector 1
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
N Male to N Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Adapter PE9007
PE9007
PE9007 REV


Similar Part No. - PE9007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
BNC Male to BNC Male Adapter
PE900040 PASTERNACK-PE900040 Datasheet
93Kb / 1P
FC APC SIMPLEX TO FC APC SIMPLEX BULKHEAD
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9002 PASTERNACK-PE9002 Datasheet
254Kb / 3P
N Male to BNC Female Adapter
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
BNC Tee Adapter Female-Female-Female
More results

Similar Description - PE9007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9080 PASTERNACK-PE9080 Datasheet
253Kb / 3P
SMA Male to N Male Adapter
PE9127 PASTERNACK-PE9127 Datasheet
252Kb / 3P
N Male to BNC Male Adapter
PE9351 PASTERNACK-PE9351 Datasheet
247Kb / 2P
SSMA Male to N Male Adapter
PE9427 PASTERNACK-PE9427 Datasheet
240Kb / 2P
Precision N Male to N Male Adapter
PE9538 PASTERNACK-PE9538 Datasheet
247Kb / 2P
N Male to C Male Adapter
PE9554 PASTERNACK-PE9554 Datasheet
243Kb / 2P
N Male to HN Male Adapter
PE9570 PASTERNACK-PE9570 Datasheet
253Kb / 2P
N Male to SC Male Adapter
PE9127 PASTERNACK-PE9127 Datasheet
252Kb / 3P
N Male to BNC Male Adapter
logo
Mini-Circuits
NM-NM50 MINI-NM-NM50 Datasheet
181Kb / 2P
Adapter N-Male to N-Male
NM-NM50-18 MINI-NM-NM50-18 Datasheet
183Kb / 2P
Adapter N-Male to N-Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com