Electronic Components Datasheet Search
  English  ▼

X  

PE9009 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9009
Description  BNC MALE TO DOUBLE BANANA PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9009 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9009 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
TECHNICAL DATA SHEET
Double Banana Plug to 50 Ohm BNC Male Adapter
Configuration
Connector 1
Banana Plug
Impedance 1
0 Ohms
Connector 2
BNC Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
2.233 [56.72]
Width/Dia., in [mm]
1.175 [29.85]
Height, in [mm]
0.57 [14.48]
.
Connector 1
Type
Banana Plug
Inner Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
ABS
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Double Banana Plug to 50 Ohm BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Double Banana Plug to 50 Ohm BNC Male Adapter PE9009
URL: http://www.pasternack.com/banana-plug-bnc-male-straight-adapter-pe9009-p.aspx
PE9009
PE9009 REV
Double Banana Plug to 50 Ohm BNC Male Adapter


Similar Part No. - PE9009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9009 PASTERNACK-PE9009 Datasheet
233Kb / 2P
Double Banana Plug to 50 Ohm BNC Male Adapter
More results

Similar Description - PE9009

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BC-BNC POMONA-2BC-BNC Datasheet
26Kb / 1P
BNC Male To Multi-Stacking Double Banana Plug
1270 POMONA-1270 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Banana Plug
logo
Pasternack Enterprises,...
PE33444 PASTERNACK-PE33444 Datasheet
112Kb / 1P
CABLE ASSEMBLY RG400/U BNC MALE TO DOUBLE BANANA PLUG
PE34597 PASTERNACK-PE34597 Datasheet
113Kb / 1P
CABLE ASSEMBLY RG316/U BNC MALE TO DOUBLE BANANA PLUG
logo
Pomona Electronics
MODEL1270 POMONA-MODEL1270 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Banana Plug
logo
Pasternack Enterprises,...
PE9009 PASTERNACK-PE9009 Datasheet
233Kb / 2P
Double Banana Plug to 50 Ohm BNC Male Adapter
logo
List of Unclassifed Man...
BU-5070-B-12-0 ETC2-BU-5070-B-12-0 Datasheet
48Kb / 1P
BNC Male to Stackable Double Banana Plug
BU-5070-B-24-0 ETC2-BU-5070-B-24-0 Datasheet
48Kb / 1P
BNC Male to Stackable Double Banana Plug
logo
Pasternack Enterprises,...
PE34602 PASTERNACK-PE34602 Datasheet
114Kb / 1P
CABLE ASSEMBLY, RG316-DS, BNC MALE TO DOUBLE BANANA PLUG
PE34593 PASTERNACK-PE34593 Datasheet
112Kb / 1P
CABLE ASSEMBLY, RG174A/U, BNC MALE TO DOUBLE BANANA PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com