Electronic Components Datasheet Search
  English  ▼

X  

AMP03 Datasheet(PDF) 3 Page - Analog Devices

Part # AMP03
Description  Precision, Unity-Gain Differential Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP03 Datasheet(HTML) 3 Page - Analog Devices

  AMP03 Datasheet HTML 1Page - Analog Devices AMP03 Datasheet HTML 2Page - Analog Devices AMP03 Datasheet HTML 3Page - Analog Devices AMP03 Datasheet HTML 4Page - Analog Devices AMP03 Datasheet HTML 5Page - Analog Devices AMP03 Datasheet HTML 6Page - Analog Devices AMP03 Datasheet HTML 7Page - Analog Devices AMP03 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMP03
–3–
REV. E
WAFER TEST LIMITS (@ V
S =
15 V, TA = +25 C, unless otherwise noted)
AMP03BC
Parameter
Symbol
Conditions
Limit
Units
Offset Voltage
VOS
VS = ± 18 V
0.5
mV max
Gain Error
No Load, VIN = ± 10 V, RS = 0 Ω
0.008
% max
Input Voltage Range
IVR
±10
V min
Common-Mode Rejection
CMR
VCM = ± 10 V
80
dB min
Power Supply Rejection Ratio
PSRR
VS = ± 6 V to ± 18 V
8
µV/V max
Output Swing
VO
RL = 2 kΩ± 12
V max
Short-Circuit Current Limit
ISC
Output Shorted to Ground
+45/–15
mA min
Supply Current
ISY
No Load
3.5
mA max
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . Continuous
Storage Temperature Range
P, J Package . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . +300
°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Operating Temperature Range
AMP03B . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
AMP03F, AMP03G . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Package Type
JA
3
JC
Units
Header (J)
150
18
°C/W
8-Lead Plastic DIP (P)
103
43
°C/W
8-Lead SOIC (S)
155
40
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
3
θ
JA is specified for worst case mounting conditions, i.e.,
θ
JA is specified for device
in socket for header and plastic DIP packages and for device soldered to printed
circuit board for SOIC package.
ORDERING GUIDE
1
Temperature
Package
Package
Model
Range
Description
Option
2
AMP03GP
–40
°C to +85°C 8-Lead Plastic DIP N-8
AMP03BJ
–40
°C to +85°C Header
H-08B
AMP03FJ
–40
°C to +85°C Header
H-08B
AMP03BJ/883C
–55
°C to +125°C Header
H-08B
AMP03GS
–40
°C to +85°C 8-Lead SOIC
SO-8
AMP03GS-REEL
–40
°C to +85°C 8-Lead SOIC
SO-8
5962-9563901MGA –55
°C to +125°C Header
H-08B
AMP03GBC
Die
NOTES
1Burn-in is available on commercial and industrial temperature range parts in
plastic DIP and header packages.
2For devices processed in total compliance to MIL-STD-883, add /883 after
part number. Consult factory for /883 data sheet.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AMP03 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
DICE CHARACTERISTICS
1. Reference
2. –IN
3. +IN
4. V–
5. SENSE
6. OUTPUT
7. V+
8. NC
DIE SIZE 0.076
0.076 inch, 5,776 sq. mils
(1.93
1.93 mm, 3.73 sq. mm)
BURN-IN CIRCUIT
AMP03
+18V
–18V
25k
25k
25k
SLEW RATE TEST CIRCUIT
AMP03
+15V
–15V
0.1 F
0.1 F
VIN = 10V
VOUT = 10V
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com