Electronic Components Datasheet Search
  English  ▼

X  

PE9063 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9063
Description  SMA Male to SSMA Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9063 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9063 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9063 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to SSMA Female Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
SSMA Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.705 [17.91]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Connector 2
Type
SSMA Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-ssma-female-straight-adapter-pe9063-p.aspx
SMA Male to SSMA Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Male to SSMA Female Adapter
PE9063
PE9063 REV


Similar Part No. - PE9063

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9063 PASTERNACK-PE9063 Datasheet
235Kb / 2P
SMA Male to SSMA Female Adapter
More results

Similar Description - PE9063

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9187 PASTERNACK-PE9187 Datasheet
244Kb / 2P
SMA Male to SSMA Male Adapter
PE9188 PASTERNACK-PE9188 Datasheet
250Kb / 3P
SMA Female to SSMA Male Adapter
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9358 PASTERNACK-PE9358 Datasheet
240Kb / 3P
SSMA Male to SSMA Female Adapter
PE9399 PASTERNACK-PE9399 Datasheet
239Kb / 2P
SMA Female to SSMA Female Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
PE91046 PASTERNACK-PE91046 Datasheet
447Kb / 3P
SSMA Male to BNC Female Adapter
PE9063 PASTERNACK-PE9063 Datasheet
235Kb / 2P
SMA Male to SSMA Female Adapter
PE9187 PASTERNACK-PE9187 Datasheet
244Kb / 2P
SMA Male to SSMA Male Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com