Electronic Components Datasheet Search
  English  ▼

X  

PE9064 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9064
Description  N Male to Mini UHF Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9064 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9064 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9064 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9064 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to Mini UHF Female Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
Mini UHF Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 2.5
Maximum Operating Voltage, Volts
335
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +85
Size
Length, in [mm]
1.29 [32.77]
Width/Dia., in [mm]
0.827 [21.01]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
Mini UHF Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
N Male to Mini UHF Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to Mini UHF Female Adapter PE9064
PE9064
PE9064 REV


Similar Part No. - PE9064

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9063 PASTERNACK-PE9063 Datasheet
235Kb / 2P
SMA Male to SSMA Female Adapter
PE9063 PASTERNACK-PE9063 Datasheet
235Kb / 2P
SMA Male to SSMA Female Adapter
PE9065 PASTERNACK-PE9065 Datasheet
75Kb / 1P
MINI UHF T FEMALE-MALE-FEMALE
PE9066 PASTERNACK-PE9066 Datasheet
75Kb / 1P
MINI UHF T FEMALE-FEMALE-FEMALE
PE9067 PASTERNACK-PE9067 Datasheet
451Kb / 2P
Isolated Ground SMA Female to SMA Female Bulkhead Adapter with Plastic Isolator
More results

Similar Description - PE9064

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE9183 PASTERNACK-PE9183 Datasheet
244Kb / 3P
N Female to Mini UHF Male Adapter
PE9342 PASTERNACK-PE9342 Datasheet
233Kb / 2P
Mini UHF Male to BNC Female Adapter
PE9343 PASTERNACK-PE9343 Datasheet
241Kb / 2P
Mini UHF Female to Mini UHF Female Adapter
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
UHF Female to Mini UHF Male Adapter
PE9345 PASTERNACK-PE9345 Datasheet
245Kb / 2P
TNC Male to Mini UHF Female Adapter
PE9347 PASTERNACK-PE9347 Datasheet
243Kb / 2P
Mini UHF Male to Mini UHF Female Right Angle Adapter
PE9348 PASTERNACK-PE9348 Datasheet
253Kb / 3P
UHF Male to Mini UHF Female Adapter
PE91447 PASTERNACK-PE91447 Datasheet
623Kb / 3P
UHF Female to Mini UHF Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com