Electronic Components Datasheet Search
  English  ▼

X  

PE9067 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9067
Description  Isolated Ground SMA Female to SMA Female Bulkhead Adapter with Plastic Isolator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9067 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9067 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9067 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Isolated Ground SMA Female to SMA Female Bulkhead Adapter with Plastic Isolator
Configuration
Connector 1
SMA Female
Connector Specification 1
MIL-STD-348
Connector 2
SMA Female
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Isolated Ground
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.875 [22.23]
Width/Dia., in [mm]
0.44 [11.18]
.
Dielectric Type
PTFE
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Plastic Isolator included
URL: http://www.pasternack.com/sma-female-sma-female-straight-adapter-pe9067-p.aspx
Isolated Ground SMA Female to SMA Female Bulkhead Adapter with Plastic Isolator from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Isolated Ground SMA Female to SMA Female
Bulkhead Adapter with Plastic Isolator
PE9067
PE9067 REV


Similar Part No. - PE9067

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9067 PASTERNACK-PE9067 Datasheet
451Kb / 2P
Isolated Ground SMA Female to SMA Female Bulkhead Adapter with Plastic Isolator
More results

Similar Description - PE9067

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9184 PASTERNACK-PE9184 Datasheet
248Kb / 2P
Hermetically Sealed SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9067 PASTERNACK-PE9067 Datasheet
451Kb / 2P
Isolated Ground SMA Female to SMA Female Bulkhead Adapter with Plastic Isolator
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9184NH PASTERNACK-PE9184NH Datasheet
363Kb / 4P
Bulkhead Mount SMA Female to SMA Female Adapter
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
ADP-SMAF-SMAF-SSB-G LINX-ADP-SMAF-SMAF-SSB-G Datasheet
210Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, SEALED BULKHEAD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com